Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5100 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM5100
Description  High Voltage High Side and Low Side Gate Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5100 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM5100 Datasheet HTML 1Page - National Semiconductor (TI) LM5100 Datasheet HTML 2Page - National Semiconductor (TI) LM5100 Datasheet HTML 3Page - National Semiconductor (TI) LM5100 Datasheet HTML 4Page - National Semiconductor (TI) LM5100 Datasheet HTML 5Page - National Semiconductor (TI) LM5100 Datasheet HTML 6Page - National Semiconductor (TI) LM5100 Datasheet HTML 7Page - National Semiconductor (TI) LM5100 Datasheet HTML 8Page - National Semiconductor (TI) LM5100 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LM5100/LM5101
High Voltage High Side and Low Side Gate Driver
General Description
The LM5100/LM5101 High Voltage Gate Drivers are de-
signed to drive both the high side and the low side
N-Channel MOSFETs in a synchronous buck or a half bridge
configuration. The floating high-side driver is capable of
operating with supply voltages up to 100V. The outputs are
independently controlled with CMOS input thresholds
(LM5100) or TTL input thresholds (LM5101). An integrated
high voltage diode is provided to charge the high side gate
drive bootstrap capacitor. A robust level shifter operates at
high speed while consuming low power and providing clean
level transitions from the control logic to the high side gate
driver. Under-voltage lockout is provided on both the low
side and the high side power rails. This device is available in
the standard SOIC-8 pin and the LLP-10 pin packages.
Features
n
Drives both a high side and low side N-Channel
MOSFET
n
Independent high and low driver logic inputs (TTL for
LM5101 or CMOS for LM5100)
n
Bootstrap supply voltage range up to 118V DC
n
Fast propagation times (25 ns typical)
n
Drives 1000 pF load with 15 ns rise and fall times
n
Excellent propagation delay matching (3 ns typical)
n
Supply rail under-voltage lockouts
n
Low power consumption
n
Pin compatible with HIP2100/HIP2101
Typical Applications
n
Current Fed push-pull converters
n
Half and Full Bridge power converters
n
Synchronous buck converters
n
Two switch forward power converters
n
Forward with Active Clamp converters
Package
n
SOIC-8
n
LLP-10 (4 mmx4mm)
Simplified Block Diagram
20088803
FIGURE 1.
January 2004
© 2004 National Semiconductor Corporation
DS200888
www.national.com


Similar Part No. - LM5100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5100 TI1-LM5100 Datasheet
879Kb / 18P
High Voltage High Side and Low Side Gate Driver
LM5100 TI2-LM5100 Datasheet
585Kb / 21P
LM5100 /LM5101 High Voltage High Side and Low Side Gate Driver
REVISED MARCH 2005
logo
National Semiconductor ...
LM5100A NSC-LM5100A Datasheet
812Kb / 15P
3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
logo
Texas Instruments
LM5100A TI1-LM5100A Datasheet
596Kb / 20P
LM5100A/B/C LM5101A/B/C 3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
LM5100AM TI1-LM5100AM Datasheet
1Mb / 28P
3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
More results

Similar Description - LM5100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5100 TI1-LM5100 Datasheet
879Kb / 18P
High Voltage High Side and Low Side Gate Driver
logo
ON Semiconductor
NCV51511 ONSEMI-NCV51511 Datasheet
224Kb / 15P
High-Frequency, High Side and Low Side Gate Driver
April, 2018 ??Rev. 0
logo
Diodes Incorporated
DGD0507A DIODES-DGD0507A Datasheet
596Kb / 11P
HIGH FREQUENCY HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 2
DGD2005 DIODES-DGD2005 Datasheet
513Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 3
DGD2012 DIODES-DGD2012 Datasheet
497Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 3
DGD2101M DIODES-DGD2101M Datasheet
1Mb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 1
DGD2106M DIODES-DGD2106M Datasheet
660Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 3
DGD2181M DIODES-DGD2181M Datasheet
576Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 1
DGD21064M DIODES-DGD21064M Datasheet
617Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 3
DGD21814M DIODES-DGD21814M Datasheet
577Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com