Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV922M Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV922M
Description  1.8V, 1MHz, Low Power Operational Amplifiers with Rail-To-Rail Input and Output
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV922M Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LMV922M Datasheet HTML 13Page - National Semiconductor (TI) LMV922M Datasheet HTML 14Page - National Semiconductor (TI) LMV922M Datasheet HTML 15Page - National Semiconductor (TI) LMV922M Datasheet HTML 16Page - National Semiconductor (TI) LMV922M Datasheet HTML 17Page - National Semiconductor (TI) LMV922M Datasheet HTML 18Page - National Semiconductor (TI) LMV922M Datasheet HTML 19Page - National Semiconductor (TI) LMV922M Datasheet HTML 20Page - National Semiconductor (TI) LMV922M Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
Typical Applications
1.0 Half-wave Rectifier with Rail-To-Ground Output
Swing
Since the LMV921 input common mode range includes both
positive and negative supply rails and the output can also
swing to either supply, achieving half-wave rectifier functions
in either direction is an easy task. All that is needed are two
external resistors; there is no need for diodes or matched re-
sistors. The half wave rectifier can have either positive or
negative going outputs, depending on the way the circuit is
arranged.
In
Figure 5 the circuit is referenced to ground, while in Figure
6 the circuit is biased to the positive supply. These configura-
tions implement the half wave rectifier since the LMV921 can
not respond to one-half of the incoming waveform. It can not
respond to one-half of the incoming because the amplifier
can not swing the output beyond either rail therefore the out-
put disengages during this half cycle. During the other half
cycle, however, the amplifier achieves a half wave that can
have a peak equal to the total supply voltage. R
I should be
large enough not to load the LMV921.
DS100979-C3
DS100979-C2
DS100979-C4
FIGURE 5. Half-Wave Rectifier with Rail-To-Ground Output Swing Referenced to Ground
DS100979-C0
DS100979-B9
DS100979-C1
FIGURE 6. Half-Wave Rectifier with Negative-Going Output Referenced to V
CC
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com