Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV982MM Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV982MM
Description  1.8V, RRIO Operational Amplifiers with Shutdown
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV982MM Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LMV982MM Datasheet HTML 10Page - National Semiconductor (TI) LMV982MM Datasheet HTML 11Page - National Semiconductor (TI) LMV982MM Datasheet HTML 12Page - National Semiconductor (TI) LMV982MM Datasheet HTML 13Page - National Semiconductor (TI) LMV982MM Datasheet HTML 14Page - National Semiconductor (TI) LMV982MM Datasheet HTML 15Page - National Semiconductor (TI) LMV982MM Datasheet HTML 16Page - National Semiconductor (TI) LMV982MM Datasheet HTML 17Page - National Semiconductor (TI) LMV982MM Datasheet HTML 18Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Typical Applications (Continued)
5.0 HALF-WAVE RECTIFIER WITH RAIL-TO-GROUND
OUTPUT SWING
Since the LMV981/LMV982 input common mode range in-
cludes both positive and negative supply rails and the output
can also swing to either supply, achieving half-wave rectifier
functions in either direction is an easy task. All that is needed
are two external resistors; there is no need for diodes or
matched resistors. The half wave rectifier can have either
positive or negative going outputs, depending on the way the
circuit is arranged.
In Figure 3 the circuit is referenced to ground, while in Figure
4 the circuit is biased to the positive supply. These configu-
rations implement the half wave rectifier since the LMV981/
LMV982 can not respond to one-half of the incoming wave-
form. It can not respond to one-half of the incoming because
the amplifier can not swing the output beyond either rail
therefore the output disengages during this half cycle. Dur-
ing the other half cycle, however, the amplifier achieves a
half wave that can have a peak equal to the total supply
voltage. R
I
should be large enough not to load the
LMV981/LMV982.
6.0 INSTRUMENTATION AMPLIFIER WITH
RAIL-TO-RAIL INPUT AND OUTPUT
Some manufactures make a non-“rail-to-rail”-op amp rail-to-
rail by using a resistive divider on the inputs. The resistors
divide the input voltage to get a rail-to-rail input range. The
problem with this method is that it also divides the signal, so
in order to get the obtained gain, the amplifier must have a
higher closed loop gain. This raises the noise and drift by the
internal gain factor and lowers the input impedance. Any
mismatch in these precision resistors reduces the CMRR as
well. The LMV981/LMV982 is rail-to-rail and therefore
doesn’t have these disadvantages.
Using three of the LMV981/LMV982 amplifiers, an instru-
mentation amplifier with rail-to-rail inputs and outputs can be
made as shown in Figure 5.
In this example, amplifiers on the left side act as buffers to
the differential stage. These buffers assure that the input
impedance is very high and require no precision matched
resistors in the input stage. They also assure that the differ-
ence amp is driven from a voltage source. This is necessary
to maintain the CMRR set by the matching R
1-R2 with R3-R4.
The gain is set by the ratio of R
2/R1 and R3 should equal R1
and R
4 equal R2. With both rail-to-rail input and output
ranges, the input and output are only limited by the supply
voltages. Remember that even with rail-to-rail outputs, the
output can not swing past the supplies so the combined
common mode voltages plus the signal should not be
greater that the supplies or limiting will occur. For additional
applications, see National Semiconductor application notes
AN–29, AN–31, AN–71, and AN–127.
200214C3
200214C2
200214C4
FIGURE 3. Half-Wave Rectifier with Rail-To-Ground Output Swing Referenced to Ground
200214C0
200214B9
200214C1
FIGURE 4. Half-Wave Rectifier with Negative-Going Output Referenced to V
CC
200214G4
FIGURE 5. Rail-to-rail instrumentation amplifier
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com