| Electronic Components Datasheet Search |
|
LPC2129 Datasheet(PDF) 18 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC2129 Datasheet(HTML) 18 Page - NXP Semiconductors |
|
18 / 34 page ![]() Philips Semiconductors LPC2119/LPC2129 Single-chip 16/32-bit microcontrollers Product data Rev. 03 — 22 December 2004 18 of 34 9397 750 13146 © Koninklijke Philips Electronics N.V. 2004. All rights reserved. 6.12 CAN controllers and acceptance filter The LPC2119/LPC2129 each contain two CAN controllers. The Controller Area network (CAN) is a serial communications protocol which efficiently supports distributed real-time control with a very high level of security. Its domain of application ranges from high speed networks to low cost multiplex wiring. 6.12.1 Features • Data rates up to 1 Mbit/s on each bus. • 32-bit register and RAM access. • Compatible with CAN specification 2.0B, ISO 11898-1. • Global Acceptance Filter recognizes 11 and 29-bit Rx identifiers for all CAN buses. • Acceptance Filter can provide FullCAN-style automatic reception for selected Standard identifiers. 6.13 UARTs The LPC2119/LPC2129 each contain two UARTs. One UART provides a full modem control handshake interface, the other provides only transmit and receive data lines. 6.13.1 Features • 16 byte Receive and Transmit FIFOs. • Register locations conform to ‘550 industry standard. • Receiver FIFO trigger points at 1, 4, 8, and 14 bytes • Built-in baud rate generator. • Standard modem interface signals included on UART1. 6.14 I2C serial I/O controller I2C is a bi-directional bus for inter-IC control using only two wires: a serial clock line (SCL), and a serial data line (SDA). Each device is recognized by a unique address and can operate as either a receiver-only device (e.g. an LCD driver or a transmitter with the capability to both receive and send information (such as memory). Transmitters and/or receivers can operate in either master or slave mode, depending on whether the chip has to initiate a data transfer or is only addressed. I2C is a multi-master bus, it can be controlled by more than one bus master connected to it. I2C implemented in LPC2119/LPC2129 supports bit rate up to 400 kbit/s (Fast I2C). 6.14.1 Features • Standard I2C compliant bus interface. • Easy to configure as Master, Slave, or Master/Slave. • Programmable clocks allow versatile rate control. • Bidirectional data transfer between masters and slaves. • Multi-master bus (no central master). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |