Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX339ASD Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # LMX339ASD
Description  General-Purpose, Low-Voltage, Single/Dual/Quad, Tiny-Pack Comparators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

LMX339ASD Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button LMX339ASD Datasheet HTML 3Page - Maxim Integrated Products LMX339ASD Datasheet HTML 4Page - Maxim Integrated Products LMX339ASD Datasheet HTML 5Page - Maxim Integrated Products LMX339ASD Datasheet HTML 6Page - Maxim Integrated Products LMX339ASD Datasheet HTML 7Page - Maxim Integrated Products LMX339ASD Datasheet HTML 8Page - Maxim Integrated Products LMX339ASD Datasheet HTML 9Page - Maxim Integrated Products LMX339ASD Datasheet HTML 10Page - Maxim Integrated Products LMX339ASD Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
General-Purpose, Low-Voltage,
Single/Dual/Quad, Tiny-Pack Comparators
_______________________________________________________________________________________
7
Detailed Description
The LMX331/LMX393/LMX339 are single/dual/quad,
low-cost, general-purpose comparators. They have a
single-supply operating voltage of 1.8V to 5V. The com-
mon-mode input range extends from -0.1V below the
negative supply to within 0.7V of the positive supply.
They require approximately 60µA per comparator with
a 5V supply and 40µA with a 2.7V supply.
The LMX331H/LMX393H/LMX339H have 2mV of hys-
teresis for noise immunity. This significantly reduces the
chance of output oscillations even with slow-moving
input signals. The LMX331/LMX393/LMX339 and
LMX331H/LMX393H/LMX339H are ideal for automotive
applications because they operate from -40
°C to
+125
°C (see Typical Operating Characteristics).
Applications Information
Hysteresis
Many comparators oscillate in the linear region of oper-
ation because of noise or undesired parasitic feed-
back. This tends to occur when the voltage on one
input is equal or very close to the voltage on the other
input. The LMX331H/LMX393H/LMX339H have internal
hysteresis to counter parasitic effects and noise.
The hysteresis in a comparator creates two trip points:
one for the rising input voltage and one for the falling
input voltage (Figure 1). The difference between the trip
points is the hysteresis. When the comparator's input
voltages are equal, the hysteresis effectively causes
one comparator input to move quickly past the other,
thus taking the input out of the region where oscillation
occurs. This provides clean output transitions for noisy,
slow-moving input signals.
Additional hysteresis can be generated with two resis-
tors, using positive feedback (Figure 2). Use the follow-
ing procedure to calculate resistor values:
OUT
IN-
THRESHOLDS
IN+
HYSTERESIS
BAND
VHYST
VTL
VTH
Figure 1. Threshold Hysteresis Band (Not to Scale)
PIN
LMX331
LMX393
LMX339
NAME
FUNCTION
1
——
IN+
Noninverting Input
2
4
12
VSS
Negative Supply (Connect to GND)
3
——
IN-
Inverting Input
4
——
OUT
Comparator Output (Open-Drain)
5
83VDD
Positive Supply
—
1
2
OUTA
Comparator A Output (Open-Drain)
—
7
1
OUTB
Comparator B Output (Open-Drain)
—
2
4
INA-
Comparator A Inverting Input
—
3
5
INA+
Comparator A Noninverting Input
—
5
7
INB+
Comparator B Noninverting Input
—
6
6
INB-
Comparator B Inverting Input
——
8
INC-
Comparator C Inverting Input
——
9
INC+
Comparator C Noninverting Input
——
10
IND-
Comparator D Inverting Input
——
11
IND+
Comparator D Noninverting Input
——
13
OUTD
Comparator D Output (Open-Drain)
——
14
OUTC
Comparator C Output (Open-Drain)
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com