Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M29W160ET Datasheet(PDF) 9 Page - STMicroelectronics

Part # M29W160ET
Description  16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W160ET Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M29W160ET Datasheet HTML 5Page - STMicroelectronics M29W160ET Datasheet HTML 6Page - STMicroelectronics M29W160ET Datasheet HTML 7Page - STMicroelectronics M29W160ET Datasheet HTML 8Page - STMicroelectronics M29W160ET Datasheet HTML 9Page - STMicroelectronics M29W160ET Datasheet HTML 10Page - STMicroelectronics M29W160ET Datasheet HTML 11Page - STMicroelectronics M29W160ET Datasheet HTML 12Page - STMicroelectronics M29W160ET Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
9/40
M29W160ET, M29W160EB
Figure 6. Block Addresses (x16)
Note: Also see Appendix A, Tables 19 and 20 for a full listing of the Block Addresses.
AI06852
8 KWord
FFFFFh
FE000h
32 KWord
0FFFFh
08000h
32 KWord
07FFFh
00000h
M29W160ET
Top Boot Block Addresses (x16)
16 KWord
FBFFFh
F8000h
32 KWord
F0000h
F7FFFh
Total of 31
32 KWord Blocks
8 KWord
FFFFFh
F8000h
32 KWord
32 KWord
01FFFh
00000h
M29W160EB
Bottom Boot Block Addresses (x16)
16 KWord
F7FFFh
0FFFFh
32 KWord
F0000h
08000h
Total of 31
32 KWord Blocks
07FFFh
04000h
4 KWord
4 KWord
FDFFFh
FD000h
FCFFFh
FC000h
4 KWord
4 KWord
03FFFh
03000h
02FFFh
02000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com