Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX1601TM Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX1601TM
Description  PLLatinum??Low Cost Dual Frequency Synthesizer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX1601TM Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMX1601TM Datasheet HTML 1Page - National Semiconductor (TI) LMX1601TM Datasheet HTML 2Page - National Semiconductor (TI) LMX1601TM Datasheet HTML 3Page - National Semiconductor (TI) LMX1601TM Datasheet HTML 4Page - National Semiconductor (TI) LMX1601TM Datasheet HTML 5Page - National Semiconductor (TI) LMX1601TM Datasheet HTML 6Page - National Semiconductor (TI) LMX1601TM Datasheet HTML 7Page - National Semiconductor (TI) LMX1601TM Datasheet HTML 8Page - National Semiconductor (TI) LMX1601TM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LMX1600/LMX1601/LMX1602
PLLatinum™ Low Cost Dual Frequency Synthesizer
LMX1600
2.0 GHz/500 MHz
LMX1601
1.1 GHz/500 MHz
LMX1602
1.1 GHz/1.1 GHz
General Description
The LMX1600/01/02 is part of a family of monolithic inte-
grated dual frequency synthesizers designed to be used in a
local oscillator subsystem for a radio transceiver. It is fabri-
cated using National’s 0.5u ABiC V silicon BiCMOS process.
The LMX1600/01/02 contains two dual modulus prescalers,
four programmable counters, two phase detectors and two
selectable gain charge pumps necessary to provide the con-
trol voltage for two external loop filters and VCO loops. Digi-
tal filtered lock detects for both PLLs are included. Data is
transferred into the LMX1600/01/02 via a MICROWIRE™
serial interface (Data, Clock, LE).
V
CC
supply voltage can range from 2.7V to 3.6V. The
LMX1600/01/02 features very low current consumption -
typically 4.0 mA at 3V for LMX1601, 5.0 mA at 3V for
LMX1600 or LMX1602. Powerdown for the PLL is hardware
controlled.
The LMX1600/01/02 is available in a 16 pin TSSOP surface
mount plastic package.
Features
n
V
CC = 2.7V to 3.6V operation
n
Low current consumption:
4mA @ 3V (typ) for LMX1601
5mA @ 3V (typ) for LMX1600 or LMX1602
n
PLL Powerdown mode: I
CC = 1 µA typical
n
Dual modulus prescaler:
— 2 GHz/500 MHz option:
(Main) 32/33 (Aux) 8/9
— 1.1 GHz/500 MHz option:
(Main) 16/17 (Aux) 8/9
— 1.1 GHz/1.1 GHz option:
(Main) 16/17 (Aux) 16/17
n
Digital Filtered Lock Detects
Applications
n
Cordless / Cellular / PCS phones
n
Other digital mobile phones
Functional Block Diagram
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
MICROWIRE™ and PLLatinum™ are trademarks of National Semiconductor Corporation.
DS100129-1
PRELIMINARY
March 1998
© 1998 National Semiconductor Corporation
DS100129
www.national.com


Similar Part No. - LMX1601TM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMX1601TMX TI1-LMX1601TMX Datasheet
414Kb / 18P
LMX1600 2.0 GHz/500 MHz, LMX1601 1.1 GHz/500 MHz, LMX1602 1.1 GHz/1.1 GHz PLLatinum??Low Cost Dual Frequency Synthesizer
More results

Similar Description - LMX1601TM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2330A NSC-LMX2330A Datasheet
392Kb / 17P
PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2330L NSC-LMX2330L Datasheet
496Kb / 21P
PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2335 NSC-LMX2335 Datasheet
393Kb / 18P
PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2335L NSC-LMX2335L Datasheet
542Kb / 22P
PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2370 NSC-LMX2370 Datasheet
217Kb / 16P
PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2525 NSC-LMX2525 Datasheet
237Kb / 17P
PLLatinum Dual Frequency Synthesizer System with Integrated VCOs
LMX1600 NSC-LMX1600_05 Datasheet
628Kb / 17P
PLLatinum??Low Cost Dual Frequency Synthesizer
logo
Texas Instruments
LMX2335 TI-LMX2335 Datasheet
437Kb / 19P
PLLatinum Dual Frequency Synthesizer for RF Personal Communications
LMX2485 TI1-LMX2485_16 Datasheet
1Mb / 46P
3-GHz Delta-Sigma Low-Power Dual PLLatinum Frequency Synthesizer
LMX2541 TI1-LMX2541 Datasheet
1Mb / 70P
Ultra-Low Noise PLLatinum Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com