Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M29F080D70M6T Datasheet(PDF) 25 Page - STMicroelectronics

Part # M29F080D70M6T
Description  8 Mbit (1Mb x8, Uniform Block) 5V Supply Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F080D70M6T Datasheet(HTML) 25 Page - STMicroelectronics

Back Button M29F080D70M6T Datasheet HTML 21Page - STMicroelectronics M29F080D70M6T Datasheet HTML 22Page - STMicroelectronics M29F080D70M6T Datasheet HTML 23Page - STMicroelectronics M29F080D70M6T Datasheet HTML 24Page - STMicroelectronics M29F080D70M6T Datasheet HTML 25Page - STMicroelectronics M29F080D70M6T Datasheet HTML 26Page - STMicroelectronics M29F080D70M6T Datasheet HTML 27Page - STMicroelectronics M29F080D70M6T Datasheet HTML 28Page - STMicroelectronics M29F080D70M6T Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
25/36
M29F080D
PART NUMBERING
Table 14. Ordering Information Scheme
Devices are shipped from the factory with the memory content bits erased to ’1’.
For a list of available options (Speed, Package, etc...) or for further information on any aspect of this de-
vice, please contact the ST Sales Office nearest to you.
REVISION HISTORY
Table 15. Document Revision History
Example:
M29F080D
55
N
1
T
Device Type
M29
Operating Voltage
F = VCC = 5V ± 10%
Device Function
080D = 8 Mbit (1Mb x8), Uniform Block
Speed
55 = 55 ns
70 = 70 ns
90 = 90 ns
Package
N = TSOP40: 10 x 20 mm
M = SO44
Temperature Range
1 = 0 to 70 °C
6 = –40 to 85 °C
Option
T = Tape & Reel Packing
Date
Version
Revision Details
03-Dec-2001
-01
First Issue
05-Apr-2002
-02
Description of Ready/Busy signal clarified (and Figure 13 modified)
Clarified allowable commands during block erase
Clarified the mode the device returns to in the CFI Read Query command section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com