Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10NB3M/SB3M Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # 10NB3M/SB3M
Description  POWER ENTRY MODULE FILTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

10NB3M/SB3M Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  10NB3M/SB3M Datasheet HTML 1Page - Delta Electronics, Inc. 10NB3M/SB3M Datasheet HTML 2Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
7-9
MECHANICAL CONSTRUCTION
NB3
110-120V
28.4 MAX.
R0.5
(2X)
51.3
R2.0
+0.2
28.5-0
41.0
FUSE/EMPLOYER
DES FUSIBLES DE 250V
UNIQUEMENT AVEC
USE ONLY WITH 250V
28.0
32.0
4.0
46.0
SB3, 3S
NB4
SB4
110 - 120V
28.4 MAX.
R0.5
(2X)
51.3
R2.0
-0
28.5
+0.2
41.0
USE ONLY WITH 250V
UNIQUEMENT AVEC
DES FUSIBLES DE 250V
FUSE/EMPLOYER
32.0
28.0
46.0
M3
28.4 MAX.
28.0
R2.0
40.01 0.1
+0.2
-0
28.5
51.3
110 - 120V
DES FUSIBLES DE 250V
UNIQUEMENT AVEC
USE ONLY WITH 250V
FUSE/EMPLOYER
2.0
41.0
46.0
40.01
0.5
50.0
M3
28.4 MAX.
28.0
DES FUSIBLES DE 250V
110 - 120V
2.0
FUSE/EMPLOYER
USE ONLY WITH 250V
UNIQUEMENT AVEC
4.0
50.0
40.01 0.5
R2.0
40.01 0.1
+0.2
28.5-0
51.3
41.0
46.0
According to panel thickness:
0.8~2.0mm
L=55.9
2.1~3.2mm
L=56.2
According to panel thickness:
0.8~2.0mm
L=55.9
2.1~3.2mm
L=56.2
SUGGESTED MOUNTING CUTOUT
(MOUNTING FROM FRONT)
SUGGESTED MOUNTING CUTOUT
(MOUNTING FROM FRONT)
SUGGESTED MOUNTING CUTOUT
(MOUNTING FROM FRONT)
SUGGESTED MOUNTING CUTOUT
(MOUNTING FROM FRONT)
UNIT:
INCH
mm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com