Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX2330L Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2330L
Description  PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2330L Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMX2330L Datasheet HTML 1Page - National Semiconductor (TI) LMX2330L Datasheet HTML 2Page - National Semiconductor (TI) LMX2330L Datasheet HTML 3Page - National Semiconductor (TI) LMX2330L Datasheet HTML 4Page - National Semiconductor (TI) LMX2330L Datasheet HTML 5Page - National Semiconductor (TI) LMX2330L Datasheet HTML 6Page - National Semiconductor (TI) LMX2330L Datasheet HTML 7Page - National Semiconductor (TI) LMX2330L Datasheet HTML 8Page - National Semiconductor (TI) LMX2330L Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
LMX2330L/LMX2331L/LMX2332L
PLLatinum™ Low Power Dual Frequency Synthesizer for
RF Personal Communications
LMX2330L
2.5 GHz/510 MHz
LMX2331L
2.0 GHz/510 MHz
LMX2332L
1.2 GHz/510 MHz
General Description
The LMX233XL family of monolithic, integrated dual fre-
quency synthesizers, including prescalers, is to be used as a
local oscillator for RF and first IF of a dual conversion trans-
ceiver. It is fabricated using National’s 0.5µ ABiC V silicon
BiCMOS process.
The LMX233XL contains dual modulus prescalers. A 64/65
or a 128/129 prescaler (32/33 or 64/65 in the 2.5 GHz
LMX2330L) can be selected for the RF synthesizer and a 8/9
or a 16/17 prescaler can be selected for the IF synthesizer.
LMX233XL, which employs a digital phase locked loop tech-
nique, combined with a high quality reference oscillator, pro-
vides the tuning voltages for voltage controlled oscillators to
generate very stable, low noise signals for RF and IF local
oscillators. Serial data is transferred into the LMX233XL via
a three wire interface (Data, Enable, Clock). Supply voltage
can range from 2.7V to 5.5V. The LMX233XL family features
very low current consumption;
LMX2330L — 5.0 mA at 3V, LMX2331L — 4.0 mA at 3V,
LMX2332L — 3.0 mA at 3V.
The LMX233XL are available in a TSSOP 20-pin and CSP
24-pin surface mount plastic package.
Features
n Ultra low current consumption
n 2.7V to 5.5V operation
n Selectable synchronous or asynchronous powerdown
mode:
I
CC = 1 µA typical at 3V
n Dual modulus prescaler:
LMX2330L
(RF) 32/33 or 64/65
LMX2331L/32L
(RF) 64/65 or 128/129
LMX2330L/31L/32L
(IF) 8/9 or 16/17
n Selectable charge pump TRI-STATE® mode
n Selectable charge pump current levels
n Selectable Fastlock™ mode
n Upgrade and compatible to LMX233XA family
Applications
n Portable Wireless Communications
(PCS/PCN, cordless)
n Cordless and cellular telephone systems
n Wireless Local Area Networks (WLANs)
n Cable TV tuners (CATV)
n Other wireless communication systems
Functional Block Diagram
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
Fastlock™, MICROWIRE™ and PLLatinum™ are trademarks of National Semiconductor Corporation.
DS012806-1
June 1999
© 1999 National Semiconductor Corporation
DS012806
www.national.com


Similar Part No. - LMX2330L

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2330L NSC-LMX2330L Datasheet
563Kb / 23P
PLLatinumTM Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2330LSBX NSC-LMX2330LSBX Datasheet
563Kb / 23P
PLLatinumTM Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2330LSLDX NSC-LMX2330LSLDX Datasheet
563Kb / 23P
PLLatinumTM Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2330LTM NSC-LMX2330LTM Datasheet
563Kb / 23P
PLLatinumTM Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2330LTMX NSC-LMX2330LTMX Datasheet
563Kb / 23P
PLLatinumTM Low Power Dual Frequency Synthesizer for RF Personal Communications
More results

Similar Description - LMX2330L

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2306 NSC-LMX2306 Datasheet
300Kb / 19P
PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
LMX2330A NSC-LMX2330A Datasheet
392Kb / 17P
PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2335 NSC-LMX2335 Datasheet
393Kb / 18P
PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2335L NSC-LMX2335L Datasheet
542Kb / 22P
PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2346 NSC-LMX2346 Datasheet
606Kb / 27P
PLLatinum??Frequency Synthesizer for RF Personal Communications
LMX2370 NSC-LMX2370 Datasheet
217Kb / 16P
PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2377U NSC-LMX2377U Datasheet
3Mb / 44P
PLLatinum??Ultra Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2306 NSC-LMX2306_04 Datasheet
338Kb / 19P
PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
logo
Texas Instruments
LMX2335 TI-LMX2335 Datasheet
437Kb / 19P
PLLatinum Dual Frequency Synthesizer for RF Personal Communications
LMX2326TM TI1-LMX2326TM Datasheet
548Kb / 19P
PLLatinum Low Power Frequency Synthesizer for RF Personal Communications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com