Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT8880CS/CS-1 Datasheet(PDF) 10 Page - Mitel Networks Corporation

Part # MT8880CS/CS-1
Description  Integrated DTMFTransceiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8880CS/CS-1 Datasheet(HTML) 10 Page - Mitel Networks Corporation

Back Button MT8880CS/CS-1 Datasheet HTML 6Page - Mitel Networks Corporation MT8880CS/CS-1 Datasheet HTML 7Page - Mitel Networks Corporation MT8880CS/CS-1 Datasheet HTML 8Page - Mitel Networks Corporation MT8880CS/CS-1 Datasheet HTML 9Page - Mitel Networks Corporation MT8880CS/CS-1 Datasheet HTML 10Page - Mitel Networks Corporation MT8880CS/CS-1 Datasheet HTML 11Page - Mitel Networks Corporation MT8880CS/CS-1 Datasheet HTML 12Page - Mitel Networks Corporation MT8880CS/CS-1 Datasheet HTML 13Page - Mitel Networks Corporation MT8880CS/CS-1 Datasheet HTML 14Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
MT8880C/MT8880C-1 ISO2-CMOS
4-42
Table 6
. Control Register B Description
Table 7. Status Register Description
BIT
NAME
FUNCTION
DESCRIPTION
b0
BURST
BURST MODE
A logic ‘0’ enables the burst mode. When this mode is
selected, data corresponding to the desired DTMF tone pair
can be written to the Transmit Register resulting in a tone
burst of a specific duration (see AC Characteristics).
Subsequently, a pause of the same duration is induced.
Immediately following the pause, the Status Register is
updated indicating that the Transmit Register is ready for
further instructions and an interrupt will be generated if the
interrupt mode has been enabled. Additionally, if call
progress (CP) mode has been enabled, the burst and pause
duration is increased by a factor of two. When the burst
mode is not selected (logic ‘1’) tone bursts of any desired
duration may be generated.
b1
TEST
TEST MODE
By enabling the test mode (logic’1’), the IRQ/CP pin will
present the delayed steering (inverted) signal from the DTMF
receiver. Refer to Figure 9 (b3 waveform) for details
concerning the output waveform. DTMF mode must be
selected (CRA b1=0) before test mode can be implemented.
b2
S/D
SINGLE /DUAL TONE
GENERATION
A logic ‘0’ will allow Dual Tone Multi-Frequency signals to be
produced. If single tone generation is enabled (logic ‘1’),
either row or column tones (low group or high group) can be
generated depending on the state of b3 in Control Register
B.
b3
C/R
COLUMN/ROW TONES
When used in conjunction with b2 (above) the transmitter
can be made to generate single row or single column
frequencies. A logic ‘0’ will select row frequencies and a logic
‘1’ will select column frequencies.
BIT
NAME
STATUS FLAG SET
STATUS FLAG CLEARED
b0
IRQ
Interrupt has occurred. Bit one (b1)
or bit two (b2) is set.
Interrupt is inactive. Cleared after
Status Register is read.
b1
TRANSMIT DATA
REGISTER EMPTY
(BURST MODE ONLY)
Pause duration has terminated
and transmitter is ready for new
data.
Cleared after Status Register is
read or when in non-burst mode.
b2
RECEIVE DATA
REGISTER FULL
Valid data is in the Receive Data
Register.
Cleared after Status Register is
read.
b3
DELAYED STEERING
Set upon the valid detection of the
absence of a DTMF signal.
Cleared upon the detection of a
valid DTMF signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com