Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2324 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2324
Description  PLLatinum??2.0 GHz Frequency Synthesizer for RF Personal Communications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2324 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2324 Datasheet HTML 1Page - National Semiconductor (TI) LM2324 Datasheet HTML 2Page - National Semiconductor (TI) LM2324 Datasheet HTML 3Page - National Semiconductor (TI) LM2324 Datasheet HTML 4Page - National Semiconductor (TI) LM2324 Datasheet HTML 5Page - National Semiconductor (TI) LM2324 Datasheet HTML 6Page - National Semiconductor (TI) LM2324 Datasheet HTML 7Page - National Semiconductor (TI) LM2324 Datasheet HTML 8Page - National Semiconductor (TI) LM2324 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LMX2324
PLLatinum™ 2.0 GHz Frequency Synthesizer for RF
Personal Communications
General Description
The LMX2324 is a high performance frequency synthesizer
with integrated 32/33 dual modulus prescaler designed for
RF operation up to 2.0 GHz. Using a proprietary digital
phase locked loop technique, the LMX2324’s linear phase
detector characteristics can generate very stable, low noise
control signals for UHF and VHF voltage controlled oscilla-
tors.
Serial data is transferred into the LMX2324 via a three-line
MICROWIRE™ interface (Data, LE, Clock). Supply voltage
range is from 2.7V to 5.5V. The LMX2324 features very low
current consumption, typically 3.5 mA at 3V. The charge
pump provides 4 mA output current.
The LMX2324 is manufactured using National’s ABiC V
BiCMOS process and is packaged in a 16-pin TSSOP and a
16-pin Chip Scale Package (CSP).
Features
n RF operation up to 2.0 GHz
n 2.7V to 5.5V operation
n Low current consumption: ICC = 3.5 mA (typ) at VCC =
3.0V
n Dual modulus prescaler: 32/33
n Internal balanced, low leakage charge pump
Applications
n Cellular telephone systems (GSM, NADC, CDMA, PDC)
n Personal wireless communications (DCS-1800, DECT,
CT-1+)
n Wireless local area networks (WLANs)
n Other wireless communication systems
Functional Block Diagram
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
MICROWIRE™ and PLLatinum™ are trademarks of National Semiconductor Corporation.
DS101030-1
PRELIMINARY
November 1999
© 1999 National Semiconductor Corporation
DS101030
www.national.com


Similar Part No. - LM2324

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2324ATMX NSC-LM2324ATMX Datasheet
329Kb / 12P
PLLatinum??2.2 GHz Frequency Synthesizer for RF Personal Communications (SL163188)
More results

Similar Description - LM2324

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2330A NSC-LMX2330A Datasheet
392Kb / 17P
PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2335 NSC-LMX2335 Datasheet
393Kb / 18P
PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2346 NSC-LMX2346 Datasheet
606Kb / 27P
PLLatinum??Frequency Synthesizer for RF Personal Communications
LMX2370 NSC-LMX2370 Datasheet
217Kb / 16P
PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2323 NSC-LMX2323 Datasheet
185Kb / 12P
PLLatinum 2.0 GHz Frequency Synthesizer for RF Personal Communications
LMX2322 NSC-LMX2322 Datasheet
216Kb / 14P
PLLatinumTM 2.0 GHz Frequency Synthesizer for RF Personal Communications
LMX2306 NSC-LMX2306_04 Datasheet
338Kb / 19P
PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
LMX2324A NSC-LMX2324A Datasheet
329Kb / 12P
PLLatinum??2.2 GHz Frequency Synthesizer for RF Personal Communications (SL163188)
logo
Texas Instruments
LMX2335 TI-LMX2335 Datasheet
437Kb / 19P
PLLatinum Dual Frequency Synthesizer for RF Personal Communications
LMX2430 TI1-LMX2430_14 Datasheet
4Mb / 48P
PLLatinum??Dual High Frequency Synthesizer for RF Personal Communications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com