Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP294 Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OP294
Description  GaAlAs Plastic Infrared Emitting Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OP294 Datasheet(HTML) 2 Page - OPTEK Technologies

  OP294 Datasheet HTML 1Page - OPTEK Technologies OP294 Datasheet HTML 2Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Types OP294, OP299
Optek reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Optek Technology, Inc.
1215 W. Crosby Road
Carrollton, Texas 75006
(972)323-2200
Fax (972)323-2396
Electrical Characteristics (TA = 25
o C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP MAX UNITS
TEST CONDITIONS
Ee(APT)
Apertured Radiant Incidence
OP294
OP299
0.50
0.15
1.50
0.45
mW/cm
2
mW/cm
2
IF = 5 mA
(4)
IF = 5 mA
(3)
VF
Forward Voltage
1.50
V
IF = 5 mA
IR
Reverse Current
10
µA
VR = 2 V
λp
Wavelength at Peak Emission
890
nm
IF = 10 mA
B
Spectral Bandwidth Between Half Power Points
80
nm
IF = 10 mA
∆λp/∆T
Spectral Shift with Temperature
+0.18
nm/
o C IF = Constant
θHP
Emission Angle at Half Power Points
OP294
OP299
50
20
Deg.
Deg.
IF = 10 mA
IF = 10 mA
tr
Output Rise Time
500
ns
IF(PK) = 100 mA,
PW = 10
µs, D.C. = 10%
tf
Output Fall Time
250
ns
2-57



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com