Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLS.30.1F11 Datasheet(PDF) 3 Page - Taoglas antenna solutions

Part # TLS.30.1F11
Description  IP67 and IP69K Waterproof
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

TLS.30.1F11 Datasheet(HTML) 3 Page - Taoglas antenna solutions

  TLS.30.1F11 Datasheet HTML 1Page - Taoglas antenna solutions TLS.30.1F11 Datasheet HTML 2Page - Taoglas antenna solutions TLS.30.1F11 Datasheet HTML 3Page - Taoglas antenna solutions TLS.30.1F11 Datasheet HTML 4Page - Taoglas antenna solutions TLS.30.1F11 Datasheet HTML 5Page - Taoglas antenna solutions TLS.30.1F11 Datasheet HTML 6Page - Taoglas antenna solutions TLS.30.1F11 Datasheet HTML 7Page - Taoglas antenna solutions TLS.30.1F11 Datasheet HTML 8Page - Taoglas antenna solutions TLS.30.1F11 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
DSP-15-8-SPE-15-8-068/A/SS
Page 3 of 12
2.Specification
ELECTRICAL
Application Band
ISM433
Operation Frequency
433 MHz
On 30 x 30 cm ground plane
Efficiency (%)
51.67%
Peak Gain (dBi)
-1.19
Average Gain (dBi)
-2.87
Return Loss (dB)
< -15
Impedance
50 Ω
Polarization
Vertical
Radiation Property
Omni-Directional
Max Input Power
100 W
MECHANICAL
Dimension (mm)
Height: 79.45mm(3.13") ; Diameter :
42mm(1.65")
Connector
N type (M)
Material
Housing : UV Resistant ABS ,
Base : Nickel Plated Zinc Alloy
Weight (g)
130
Rec. Torque for Mounting
4.018 N.m
Max. Torque for Mounting
9.8 N.m
ENVIRONMENTAL
Waterproof Rating
IP67 and IP69K
Operation Temperature
-40°C to 85°C
Humidity
Non-condensing 65°C 95% RH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com