Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY02-FEC Datasheet(PDF) 2 Page - Raltron Electronics Corporation

Part # SY02-FEC
Description  HIGH FREQUENCY CLOCK REGENERATOR - SY02-FEC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALTRON [Raltron Electronics Corporation]
Direct Link  http://www.raltron.com
Logo RALTRON - Raltron Electronics Corporation

SY02-FEC Datasheet(HTML) 2 Page - Raltron Electronics Corporation

  SY02-FEC Datasheet HTML 1Page - Raltron Electronics Corporation SY02-FEC Datasheet HTML 2Page - Raltron Electronics Corporation SY02-FEC Datasheet HTML 3Page - Raltron Electronics Corporation SY02-FEC Datasheet HTML 4Page - Raltron Electronics Corporation SY02-FEC Datasheet HTML 5Page - Raltron Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SYNCHRONOUS EQUIPMENT
HIGH FREQUENCY CLOCK REGENERATOR - SY02-FEC
RALTRON ELECTRONICS CORP. 10651 N.W.19
th St Florida 33172 U.S.A.
Tel: 305 593-6033 Fax: 305-594-3973 e-mail: sales@raltron.com Internet: http:/www.raltron.com
Figure 1 – Block Diagram (***Components outside the dotted line are user supplied)
.
• DESCRIPTION
The SY02-FEC is a High Frequency Phase Lock Loop has been designed as a module level subsystem for easy
incorporation into telecommunication equipment. The module generates the high frequency (up to 800MHz) output
from a low jitter VCXO (Crystal Based Oscillator) or VCSO (SAW based oscillators). The output can be disabled
externally by setting OUTEN pin high. The SY02-FEC can be locked to a user defined input reference/s signal/s
(from 1.024MHz to 800MHz…for options please see table ). Raltron’s SY02-FEC device could be used as a
frequency translator in PLL circuits or frequency re-generator device in cases where jitter cleaning and filtering is
required. The module has a fast locking time and tolerates reference inputs with different duty cycles. The loop
bandwidth is optimized in accordance with the VCXO used and required output performance. The ALARM output
signals monitor the status of the phase lock loop and indicates LOLD (Loss of Lock Detect). If the reference REF IN
is absent, the SY02-FEC will automatically switch to free run mode and LOLD will show “0” logic level. The SMD
package dimensions are 0.80”x1.00” inch and powered by a supply of 3.3V.
ALARM STATES
LOL
D
ALARM
0
Module in Free-run
1
Module locked
Input Reference Control select
CNT
Selected Option
0
Regenerated 622.08MHz into 622.08MHz
1
Translates 666.5143MHz into 622.08MHz
MUX,
FPD,
Counters
&
Logic
LOOP
FILTER
VCXO
REF
IN
Q
OUT
J-TAG PORT
OUT
ALARM
REF
IN
Q
Input Freq. Sel
VCXO Monitor
Lock Monitor
A=622.08MHz
B= 666.513MHz
SY02-FEC
E/D



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com