Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX2335LM Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2335LM
Description  PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2335LM Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LMX2335LM Datasheet HTML 1Page - National Semiconductor (TI) LMX2335LM Datasheet HTML 2Page - National Semiconductor (TI) LMX2335LM Datasheet HTML 3Page - National Semiconductor (TI) LMX2335LM Datasheet HTML 4Page - National Semiconductor (TI) LMX2335LM Datasheet HTML 5Page - National Semiconductor (TI) LMX2335LM Datasheet HTML 6Page - National Semiconductor (TI) LMX2335LM Datasheet HTML 7Page - National Semiconductor (TI) LMX2335LM Datasheet HTML 8Page - National Semiconductor (TI) LMX2335LM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Absolute Maximum Ratings (Notes 1, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Power Supply Voltage
V
CC
−0.3V to +6.5V
V
P
−0.3V to +6.5V
Voltage on Any Pin
with GND = 0V (V
I)
−0.3V to V
CC +0.3V
Storage Temperature Range (T
S)
−65˚C to +150˚C
Lead Temperature (solder 4 sec.) (T
L)
+260˚C
Recommended Operating
Conditions
Power Supply Voltage
V
CC
2.7V to 5.5V
V
P
V
CC to +5.5V
Operating Temperature (T
A)
−40˚C to +85˚C
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to
the device may occur. Recommended Operating Conditions indicate condi-
tions for which the device is intended to be functional, but do not guarantee
specific performance limits. For guaranteed specifications and test condi-
tions, see the Electrical Characteristics. The guaranteed specifications apply
only for the test conditions listed.
Note 2: This device is a high performance RF integrated circuit with an ESD
rating <2 keV and is ESD sensitive. Handling and assembly of this device
should only be done at ESD protected work stations.
Electrical Characteristics
V
CC = 5.0V, VP = 5.0V; TA = 25˚C, except as specified
Symbol
Parameter
Conditions
Value
Units
Min
Typ
Max
I
CC
Power Supply
LMX2335L
V
CC = 2.7V to 5.5V
4.0
5.2
mA
Current
RF1 and RF2
I
CC
LMX2335L RF1 only
2.0
2.6
mA
I
CC
LMX2336L
5.5
7
mA
RF1 and RF2
LMX2336L RF1 only
3.3
4.3
mA
f
IN 1
Operating
Frequency
LMX2335L
0.100
1.1
GHz
f
IN 2
0.050
1.1
GHz
f
IN1
LMX2336L
0.200
2.0
GHz
f
IN2
0.050
1.1
GHz
I
CC-PWDN
Powerdown Current
LMX2335L/2336L
V
CC = 5.5V
1
10
µA
f
OSC
Oscillator Frequency
With resonator load on OSC
out
5
20
MHz
f
OSC
No load on OSC
out
5
40
MHz
fφ
Maximum Phase Detector Frequency
10
MHz
Pf
IN
RF Input Sensitivity
V
CC = 3.0V, f > 100 MHz
−15
0
dBm
Pf
IN
V
CC = 5.0V, f > 100 MHz
−10
0
V
OSC
Oscillator Sensitivity
OSC
in
0.5
V
PP
V
IH
High-Level Input Voltage
(Note 4)
0.8 V
CC
V
V
IL
Low-Level Input Voltage
(Note 4)
0.2 V
CC
V
I
IH
High-Level Input Current
V
IH = VCC = 5.5V (Note 4)
−1.0
1.0
µA
I
IL
Low-Level Input Current
V
IL = 0V, VCC = 5.5V (Note 4)
−1.0
1.0
µA
I
IH
Oscillator Input Current
V
IH = VCC = 5.5V
100
µA
I
IL
Oscillator Input Current
V
IL = 0V, VCC = 5.5V
−100
µA
I
Do-SOURCE
Charge Pump Output Current
V
Do = VP/2, ICPo = LOW
(Note 3)
−1.25
mA
I
Do-SINK
V
Do = VP/2, ICPo = LOW
(Note 3)
1.25
mA
I
Do-SOURCE
V
Do = VP/2, ICPo = HIGH
(Note 3)
−4.25
mA
I
Do-SINK
V
Do = VP/2, ICPo = HIGH
(Note 3)
4.25
mA
I
Do-TRI
Charge Pump
0.5V
≤ V
Do ≤ VCC − 0.5V
−5.0
5.0
nA
TRI-STATE Current
T = 25˚C
V
OH
High-Level Output Voltage
I
OH = −500 µA
V
CC −
0.4
V
V
OL
Low-Level Output Voltage
I
OL = 500 µA
0.4
V
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com