Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX2335TM Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2335TM
Description  PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2335TM Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LMX2335TM Datasheet HTML 2Page - National Semiconductor (TI) LMX2335TM Datasheet HTML 3Page - National Semiconductor (TI) LMX2335TM Datasheet HTML 4Page - National Semiconductor (TI) LMX2335TM Datasheet HTML 5Page - National Semiconductor (TI) LMX2335TM Datasheet HTML 6Page - National Semiconductor (TI) LMX2335TM Datasheet HTML 7Page - National Semiconductor (TI) LMX2335TM Datasheet HTML 8Page - National Semiconductor (TI) LMX2335TM Datasheet HTML 9Page - National Semiconductor (TI) LMX2335TM Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Typical Performance Characteristics (Continued)
Charge Pump Current vs D
o Voltage
I
CP = HIGH
DS012332-21
Charge Pump Current vs D
o Voltage
I
CP = LOW
DS012332-22
LMX2335/37 Input Impedance (for SO package)
V
CC = 2.7V to 5.5V, fIN = 50 MHz to 1.5 GHz
DS012332-23
Marker 1 = 1 GHz, Real = 94, Imaginary = −118
Marker 2 = 1.2 GHz, Real = 72, Imaginary = −88
Marker 3 = 1.5 GHz, Real = 53, Imaginary = −45
Marker 4 = 500 MHz, Real = 201, Imaginary = −224
LMX2335/37 Input Impedance (for TSSOP package)
LMX2336 Input Impedance V
CC = 2.7V to 5.5V,
f
IN = 50 MHz to 2.5 GHz
DS012332-24
Marker 1 = 1 GHz, Real = 97, Imaginary = −146
Marker 2 = 1.89 GHz, Real = 43, Imaginary = −67
Marker 3 = 2.5 GHz, Real = 30, Imaginary = −33
Marker 4 = 500 MHz, Real = 189, Imaginary = −233
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com