Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6326 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # MAX6326
Description  3-pin ultra-low power SC70/SOT microprocessor reset circuit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MAX6326 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button MAX6326 Datasheet HTML 4Page - NXP Semiconductors MAX6326 Datasheet HTML 5Page - NXP Semiconductors MAX6326 Datasheet HTML 6Page - NXP Semiconductors MAX6326 Datasheet HTML 7Page - NXP Semiconductors MAX6326 Datasheet HTML 8Page - NXP Semiconductors MAX6326 Datasheet HTML 9Page - NXP Semiconductors MAX6326 Datasheet HTML 10Page - NXP Semiconductors MAX6326 Datasheet HTML 11Page - NXP Semiconductors MAX6326 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Philips Semiconductors
Product data
MAX632x/MAX634x
3-pin ultra-low power SC70/SOT
microprocessor reset circuit
2003 Aug 05
8
APPLICATION INFORMATION
Interfacing to
µPs with Bidirectional Reset Pins
The MAX6328/MAX6348 RESET output is open drain and are easily
interfaced with microprocessors which have bidirectional reset pins,
such as the Motorola 68HC11. Directly connecting the
MAX6328/MAX6348 RESET output to the
µPs reset input and
providing a pull-up resistor to VDD allows either device to
independently assert reset (Figure 7).
VDD
VDD
VDD
GND
GND
RESET
RESET
SL01835
MAX6328/
MAX6348
MOTOROLA
68HCXX
RPU
Figure 7. Interfacing to
µPs with Bidirectional Reset Pins
Negative-going VDD transients
The MAX6326-MAX6348 Series resets are relatively immune to
short duration, negative-going VDD transients or power glitches. This
capability greatly reduces false resets with short-duration pulses.
Figure 8, Maximum Transient Duration versus Reset Comparator
Overdrive, shows the maximum transient condition for which reset
signal are not generated. The graph shows the maximum pulse
width that a negative-going transient may have before it will
generate a reset signal. Note: as the amplitude of the transient
increases, the maximum allowable transient pulse width decreases.
SL01836
RESET COMPARATOR OVERDRIVE, Vth – VCC (mV)
0
50
100
150
200
250
300
350
400
450
1
10
100
1000
MAX6326/MAX6327/
MAX6328
MAX6346/MAX6347/
MAX6348
Figure 8. Maximum transient duration without causing a
reset pulse versus reset comparator overdrive.
System configurations with various
µPs
The MAX326-MAX6348 Series resets provide a system solution for
various
µPs. Figures 9 and 10, respectively, reference the Philips
µPs which are compatible with the MAX6326/MAX6346 and
MAX6327/MAX6347 system resets.
VDD
VDD
VDD
GND
GND
RESET
RESET
SL01837
MAX6326/
MAX6346
µP(Note 1)
NOTE:
1. Philips microprocessors with active-LOW resets: All 16-bit
devices from XA-family (XA-Cxx, XA-Gxx, XA-Sxx, XA-Hxx), all
LPC7xx devices (P87LPC760/761/762/767/768/769,
P80C591/P87C591 (with on-chip CAN controller).
Figure 9.
µP System Diagram using MAX6326/MAX6328
Push-Pull, Active-LOW Resets
VDD
VDD
VDD
GND
GND
RESET
RESET
SL01838
MAX6327/
MAX6347
µP(Note 1)
NOTE:
1. Philips microprocessors with active-HIGH resets : 8xC5x, 8xC3x,
8xC5xX2, 8xC3xX2, 8xC51Fx, 8xC51Rx+, 89C51Rx2, 89C66x,
8xC554, 8xC552, etc.
Figure 10.
µP System Diagram using MAX6327/MAX6347
Push-Pull, Active-HIGH Resets



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com