Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-P346 Datasheet(PDF) 13 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-P346
Description  Rail-to-rail output voltage
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-P346 Datasheet(HTML) 13 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-P346 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-P346 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL-P346 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPL-P346 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACPL-P346 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ACPL-P346 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED ACPL-P346 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED ACPL-P346 Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED ACPL-P346 Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
Application Information
Product Overview Description
The ACPL-P346/W346 is an optically isolated power
output stage capable of driving power or SiC. Based on
BCDMOS technology, this gate drive optocoupler deliv-
ers higher peak output current, better rail-to-rail output
voltage performance and two times faster speed than the
previous generation products.
The high peak output current and short propagation de-
lay are needed for fast MOSFET switching to reduce dead
time and improve system overall efficiency. Rail-to-rail
output voltage ensures that the MOSFET’s gate voltage is
driven to the optimum intended level with no power loss
across the MOSFET. This helps the designer lower the sys-
tem power which is suitable for bootstrap power supply
operation.
It has very high CMR(common mode rejection) rating
which allows the microcontroller and the MOSFET to op-
erate at very large common mode noise found in indus-
trial motor drives and other power switching applications.
The input is driven by direct LED current and has a hys-
teresis that prevents output oscillation if insufficient LED
driving current is applied. This will eliminates the need of
additional Schmitt trigger circuit at the input LED.
The stretched SO6 package which is up to 50% smaller
than conventional DIP package facilitates smaller and
more compact design. These stretched packages are com-
pliant to many industrial safety standards such as IEC/EN/
DIN EN 60747-5-5, UL 1577 and CSA.
Recommended Application Circuit
The recommended application circuit shown in Figure 22
illustrates a typical gate drive implementation using the
ACPL-P346.
The supply bypass capacitors (1 µF) provide the large tran-
sient currents necessary during a switching transition. Be-
cause of the transient nature of the charging currents, a
low current (4.0 mA) power supply will be enough to pow-
er the device. The split resistors (in the ratio of 1.5:1) across
the LED will provide a high CMR response by providing a
balanced resistance network across the LED.
The gate resistor RG serves to limit gate charge current
and controls the MOSFET switching times.
In PC board design, care should be taken to avoid routing
the MOSFET drain or source traces close to the ACPL-P346
input as this can result in unwanted coupling of transient
signals into ACPL-P346 and degrade performance.
Figure 22. Recommended application circuit with split resistors LED.
VCC
+_
+_
Rg
Q1
Q2
+HVDC
-HVDC
1µF
VCC =10V
VEE
1
2
3
6
5
4
CATHODE
NC
ANODE
VOUT
232Ω
154Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com