Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADNS-5070 Datasheet(PDF) 21 Page - AVAGO TECHNOLOGIES LIMITED

Part # ADNS-5070
Description  Built-in LED driver for simpler circuitry
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADNS-5070 Datasheet(HTML) 21 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ADNS-5070 Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED ADNS-5070 Datasheet HTML 18Page - AVAGO TECHNOLOGIES LIMITED ADNS-5070 Datasheet HTML 19Page - AVAGO TECHNOLOGIES LIMITED ADNS-5070 Datasheet HTML 20Page - AVAGO TECHNOLOGIES LIMITED ADNS-5070 Datasheet HTML 21Page - AVAGO TECHNOLOGIES LIMITED ADNS-5070 Datasheet HTML 22Page - AVAGO TECHNOLOGIES LIMITED ADNS-5070 Datasheet HTML 23Page - AVAGO TECHNOLOGIES LIMITED ADNS-5070 Datasheet HTML 24Page - AVAGO TECHNOLOGIES LIMITED ADNS-5070 Datasheet HTML 25Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
21
Notes on Power-up and the Serial Port
The sequence in which VDD, SCLK and SDIO are set during
power-up can affect the operation of the serial port. The
diagram below shows what can happen shortly after
Figure 25. Power-up serial port sequence
This diagram shows the VDD rising to valid levels, at some
point the microcontroller starts it’s program, sets the
SCLK and SDIO lines to be outputs, and sets them high.
Then, the microcontroller waits to ensure the ADNS-5070
has powered up and is ready to communicate. The mi-
croprocessor then tries to read from location 0x41, Status
register, and is expecting a value of 0x0b010XXXXX. If it
receives this value, then it knows the communication to
the ADNS-5070 is operational.
The problem occurs if the ADNS-5070 powers up before
the microprocessor sets the SCLK and SDIO lines to be
outputs and high. The ADNS-5070 sees the raising of the
SCLK as a valid rising edge, and clocks in the state of the
SDIO as the first bit of the address (sets either a read or a
write, depending upon the state).
In the case of a SDIO low, a read operation will start. When
the microprocessor actually begins to send the address,
the ADNS-5070 already has the first bit of an address.
When the seventh bit is sent by the microprocessor, the
ADNS-5070 has a valid address, and drives the SDIO line
high within 250 ns (see detail “A” in Figure 18 and Figure
19). This results in a bus fight for SDIO. Since the address
is wrong, the data sent back would be incorrect.
In the case of a SDIO high, a write operation will start. The
address and data will be out of synchronization, causing
the wrong data written to the wrong address.
Figure 26. Power up serial port timer sequence
power-up when the microprocessor tries to read data
from the serial port.
Data = 0x0b010XXXXX
Address = 0x41
SCLK
SDIO
VDD
Problem Area
SCLK
SDIO
VDD
Data = 0x0b010XXXXX
Address = 0x41
>tSPTT
Don't Care State
Solution
One way to solve the problem is by waiting for the serial
port timer to time out.
1. Serial Port Timer Timeout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com