Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX2353 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2353
Description  PLLatinum??Fractional N Single 2.5 GHz Frequency Synthesizer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2353 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMX2353 Datasheet HTML 1Page - National Semiconductor (TI) LMX2353 Datasheet HTML 2Page - National Semiconductor (TI) LMX2353 Datasheet HTML 3Page - National Semiconductor (TI) LMX2353 Datasheet HTML 4Page - National Semiconductor (TI) LMX2353 Datasheet HTML 5Page - National Semiconductor (TI) LMX2353 Datasheet HTML 6Page - National Semiconductor (TI) LMX2353 Datasheet HTML 7Page - National Semiconductor (TI) LMX2353 Datasheet HTML 8Page - National Semiconductor (TI) LMX2353 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Connection Diagrams
Pin Description
Pin No.
Pin
Name
I/O
Description
CSP
TSSOP
16
1
V
P
—
Power supply for charge pump. Must be
≥ V
CC.
12
CP
O
O
Charge pump output. Connected to a loop filter for driving the control input of an
external VCO.
2
3
GND
—
Ground for PLL digital circuitry.
34
f
IN
I
RF prescaler input. Small signal input from the VCO.
45
f
INB
I
RF prescaler complimentary input. A bypass capacitor should be placed as close
as possible to this pin and be connected directly to the ground plane.
5
6
GND
—
Ground for PLL analog circuitry.
6
7
OSC
in
I
Oscillator input. A CMOS inverting gate input. The input has a V
CC/2 input
threshold and can be driven from an external CMOS or TTL logic gate.
78
F
oLD
O
Multiplexed output of N or R divider and lock detect. CMOS output.
8
9
CE
I
PLL Enable. Powers down N and R counters, prescalers, and TRI-STATE® charge
pump output when LOW. Bringing CE high powers up PLL depending on the state
of CTL_WORD.
9
10
CLK
I
High impedance CMOS Clock input. Data for the various counters is clocked into
the 24-bit shift register on the rising edge.
10
11
DATA
I
Binary serial data input. Data entered MSB first. The last two bits are the control
bits. High impedance CMOS input.
11
12
LE
I
Load enable high impedance CMOS input. Data stored in the shift registers is
loaded into one of the 4 internal latches when LE goes HIGH.
12
13
GND
—
Ground.
13
14
V
CC
—
PLL power supply voltage input. May range from 2.7V to 5.5V. Bypass capacitors
should be placed as close as possible to this pin and be connected directly to the
ground plane.
14
15
OUT1
—
Programmable CMOS output. Level of the output is controlled by F2[18] bit.
15
16
OUT0
—
Programmable CMOS output. Level of the output is controlled by F2[17] bit.
DS101124-2
TOP VIEW
Order Number LMX2353TM or
LMX2353TMX
See NS Package Number MTC16
DS101124-3
TOP VIEW
Order Number LMX2353SLBX
See NS Package Number SLB16A
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com