Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APDS-9120 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # APDS-9120
Description  Operational in sunlight conditions
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

APDS-9120 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  APDS-9120 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED APDS-9120 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED APDS-9120 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED APDS-9120 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED APDS-9120 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED APDS-9120 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED APDS-9120 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED APDS-9120 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED APDS-9120 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
Absolute Maximum Ratings (Ta=25°C)
Parameter
Symbol
Min.
Max.
Units
Conditions
Supply Voltage
VCC
0
4.0
V
Peak LED Current
ILEDpk
0
500
mA
Pulsed at 12.5% Duty-cycle
Reflow Soldering Temperature
260
°C
Input Logic Voltage
VI
0
4.0
V
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Conditions
Operating Temperature
TA
-40
85
°C
Storage Temperature
TS
-40
100
°C
Supply Voltage
VCC
2.4
3.6
V
Electrical & Optical Specifications (Ta=25°C)
Parameters
Symbol
Min.
Typ.
Max.
Units
Conditions
Input
Logic High Voltage, LEDON
VIH
1.6
–
VCC
V
Logic High Voltage, ENB
VIH
1.4
–
VCC
V
For VCC = 2.4V
1.5
–
VCC
V
For 2.4 < VCC
d 3V
1.7
–
VCC
V
For 3 < VCC
d 3.6V
Logic Low Voltage, LEDON
VIL
0
–
0.3
V
Logic Low Voltage, ENB
VIL
0
–
0.3
V
Logic High Input Current, LEDON
IIH
–
0.1
1
PA
VI ≥ VIH
Logic High Input Current, ENB
IIH
–
0.1
1
PA
VI ≥ VIH
Logic Low Input Current, LEDON
IIL
–
0.1
1
PA
VI ≤ VIL
Logic Low Input Current, ENB
IIL
–
0.1
1
PA
VI ≤ VIL
Shutdown Current
ISD
–
0.3
1
PA
VCC = 3V, ENB = 3V
Idle Current
ICC
–
500
650
PA
VCC = 3V, ENB = 0V
Output
Analog Output
VPFILT
1.25
1.9
2.55
V
VCC = 3V, ENB = 0V, LEDON = 10
kHz, 50% DC, Continuous pulses;
R3 = 1Mohm, C3 = 3.3nF;
Kodak 18% grey card at detectable
distance = 10mm from the APDS-
9120
Digital Output
VOL
0
–
0.3
V
IDOUT(Low) = 2mA, VCC = 3V
Rise Time(DOUT)
TR
–1
–
PsVCC = 3V, R2 = 10k:,
Frequency = 10kHz
Fall Time(DOUT)
TF
–1
–
PsVCC = 3V, R2 = 10k:,
Frequency = 10kHz
Transmitter
Max ILED Pulse Width
Max-PW
–
120
–
Ps
VCC = 3V, ENB = 0V
ILED Peak Pulse Current
ILEDpk
85
120
155
mA
VCC = 3V, R1 = 10
:
Hysterisis Comparator
Hysterisis
VHYS
–
40
–
mV
VCC = 3V
Threshold Voltage
VTH
–
655
–
mV
VCC = 3V
Ambient light tolerance
100k
-
Iux
Sun light
10K
-
Incandescent
5K
-
Fluorescent
10K
-
Halogen



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com