Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPQ1237 Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # QPQ1237
Description  LTE B3/B7 BAW Diplexer (75MHz/70MHz)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

QPQ1237 Datasheet(HTML) 1 Page - TriQuint Semiconductor

  QPQ1237 Datasheet HTML 1Page - TriQuint Semiconductor QPQ1237 Datasheet HTML 2Page - TriQuint Semiconductor QPQ1237 Datasheet HTML 3Page - TriQuint Semiconductor QPQ1237 Datasheet HTML 4Page - TriQuint Semiconductor QPQ1237 Datasheet HTML 5Page - TriQuint Semiconductor QPQ1237 Datasheet HTML 6Page - TriQuint Semiconductor QPQ1237 Datasheet HTML 7Page - TriQuint Semiconductor QPQ1237 Datasheet HTML 8Page - TriQuint Semiconductor QPQ1237 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
QPQ1237
LTE B3/B7 BAW Diplexer (75MHz/70MHz)
Data Sheet March 24, 2017 | Subject to change without notice
1 of 12
www.qorvo.com
®
6 Pad 3.00
 mm x 3.00 mm x 0.91 mm SMP
Key Features
 75 MHz Bandwidth – Band 3 UL
 70 MHz Bandwidth – Band 7 UL
 High Attenuation
 Low Loss
 No External Matching Required
 Single Input, Dual Output Operation
 Small Size: 3.00 mm x 3.00 mm x 0.91 mm
 Surface Mount Package (SMP)
 RoHS Compliant, Pb-Free
Applications
 LTE Band 3 / Band 7 Uplink Diplexer Infrastructure
 Base Station Infrastructure
 Small Cells
 Repeaters
 Routers
 LTE Dongles
 General Purpose Wireless
Product Overview
The QPQ1237 is a high performance Bulk Acoustic Wave
(BAW) Duplexer designed
for Band 3 uplink and Band 7
uplink applications.
The QPQ1237 provides low insertion loss and high
rejection, making it an ideal choice for Small Cells. This
duplexer
is
housed
in
a
compact,
RoHs
compliant
3.0
0 mm x 3.00 mm  x  0.91 surface mount pacakge (SMP).
The QPQ1237 is part of
Qorvo’s extensive portfolio of RF
BAW and SAW filters.
Ordering Information
Part No.
Description
QPQ1237SB
5 filter modules (loose)
QPQ1237SR
100 pieces on a 7
” reel
QPQ1237TR7
2,500 pieces on a 7
” reel (standard)
QPQ1237EVB
Evaluation Board
Functional Block Diagram
Top View
Pin Configuration
Pin No.
Label
1, 3, 5
Ground
2
ANT In
4
Band 7 Uplink Out
6
Band 3 Uplink Out
1
2
3
6
5
4
ANT In
GND
GND
GND
B3 UL Out
B7 UL Out


Similar Part No. - QPQ1237

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPQ1214 QORVO-QPQ1214 Datasheet
780Kb / 16P
LTE B12/B13 Triplexer Filter Module
QPQ1214EVB QORVO-QPQ1214EVB Datasheet
780Kb / 16P
LTE B12/B13 Triplexer Filter Module
QPQ1214TR13 QORVO-QPQ1214TR13 Datasheet
780Kb / 16P
LTE B12/B13 Triplexer Filter Module
QPQ1270 QORVO-QPQ1270 Datasheet
1,005Kb / 15P
Band 7 BAW Duplexer
QPQ1270EVB QORVO-QPQ1270EVB Datasheet
1,005Kb / 15P
Band 7 BAW Duplexer
More results

Similar Description - QPQ1237

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQQ1231 TRIQUINT-TQQ1231_15 Datasheet
596Kb / 10P
LET BAND 1 AND BAND 3 UPLINK BAW DIPLEXER
TQQ7303 TRIQUINT-TQQ7303_15 Datasheet
370Kb / 8P
1747.5 MHz LTE Band 3 Uplink BAW Filter
QPQ1289 TRIQUINT-QPQ1289 Datasheet
822Kb / 11P
LTE Band 4 / 10 / 66 BAW Duplexer
logo
TAI-SAW TECHNOLOGY CO.,...
TF0109B TAI-SAW-TF0109B Datasheet
1Mb / 14P
BAW DPX 2535/2655 MHz LTE Band 7 SMD 2016 (70MHz BW)
logo
TriQuint Semiconductor
885137 TRIQUINT-885137 Datasheet
3Mb / 16P
WiFi/LTE BAW Diplexer
logo
List of Unclassifed Man...
SIM7100E ETC1-SIM7100E Datasheet
233Kb / 1P
Five-Band FDD-LTE B1/B3/B7/B8/B20
logo
Qorvo, Inc
885137 QORVO-885137 Datasheet
994Kb / 16P
WiFi/LTE BAW Diplexer
QPQ1289 QORVO-QPQ1289 Datasheet
786Kb / 12P
LTE Band 4 / 10 / 66 BAW Duplexer
QPQ1282 QORVO-QPQ1282 Datasheet
792Kb / 12P
LTE Band 1 BAW Duplexer for Small Cells
QPQ1907 QORVO-QPQ1907_V01 Datasheet
449Kb / 7P
Wi-Fi/LTE coexBoost BAW Filter
040820
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com