Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-785J Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-785J
Description  Isolation Amplifier with Short Circuit and Overload Detection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-785J Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-785J Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-785J Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-785J Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-785J Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-785J Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-785J Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-785J Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-785J Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-785J Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
Figure 1. Current sensing circuit.
Description
The ACPL-785J isolation amplifier is designed for current
sensing in electronic motor drives. In a typical implemen-
tation, motor currents flow through an external resistor
and the resulting analog voltage drop is sensed by the
ACPL-785J. A larger analog output voltage is created
on the other side of the ACPL-785J’s optical isolation
barrier. The output voltage is proportional to the motor
current and can be connected directly to a single-supply
A/D converter. A digital over-range output (FAULT) and
an analog rectified output (ABSVAL) are also provided.
The wire OR-able over-range output (FAULT) is useful
for quick detection of short circuit conditions on any
of the motor phases. The wire-OR-able rectified output
(ABSVAL), simplifies measure-ment of motor load since
it performs polyphase rectification. Since the common-
mode voltage swings several hundred volts in tens of
nanoseconds in modern electronic motor drives, the
ACPL-785J was designed to ignore very high common-
mode transient slew rates (10 kV/
µs).
Symbol
Description
FAULT
Short circuit fault output. FAULT changes from a
high to low output voltage within 6 µs after
V
IN exceeds the FAULT Detection Threshold. FAULT
is an open drain output which allows outputs from
all the ACPL-785Js in a circuit to be connected
together (“wired-OR”) forming a single fault signal
for interfacing directly to the micro-controller.
ABSVAL Absolute value of V
OUT output. ABSVAL is 0 V
when V
IN=0 and increases toward VREF as VIN
approaches +256 mV or -256 mV. ABSVAL is
“wired-OR” able and is used for detecting
overloads.
V
OUT
Voltage output. Swings from 0 to V
REF.
The nominal gain is V
REF /504 mV.
V
REF
Reference voltage input (4.0 V to V
DD2). This
voltage establishes the full scale output ranges
and gains of V
OUT and ABSVAL.
V
DD2
Supply voltage input (4.5 V to 5.5 V).
GND
2
Ground input.
Symbol
Description
V
IN+
Positive input voltage (±200 mV recommended).
V
IN-
Negative input voltage (normally connected to
GND
1).
C
H
Internal Bias Node. Connections to or between C
H
C
L
and C
L other than the required 0.1 µF capacitor
shown, are not recommended.
V
DD1
Supply voltage input (4.5 V to 5.5 V).
V
LED+
LED anode. This pin must be left unconnected for
guaranteed data sheet performance. (For optical
coupling testing only.)
V
DD1
Supply voltage input (4.5 V to 5.5 V).
GND
1
Ground input.
GND
2
Ground input.
V
DD2
Supply voltage input (4.5 V to 5.5 V).
Pin Descriptions
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
GND2
VDD2
FAULT
ABSVAL
VOUT
VREF
VDD2
GND2
VIN+
VIN-
CH
CL
VDD1
VLED+
VDD1
GND1
RSHUNT
0.02
Ω
ISOLATED +5 V
4.7 k
Ω
39
Ω
.01
µF
0.1
µF
0.1
µF
ISOLATION BOUNDARY
INPUT
CURRENT
+5 V
A/D
VREF
GND
µC
TO OTHER
PHASE
OUTPUTS
+
0.1
µF
ACPL-785J



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com