Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-P347 Datasheet(PDF) 13 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-P347
Description  1.0 Amp Output Current SiC/GaN MOSFET and IGBT Gate Drive Optocoupler in Stretched SO6
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-P347 Datasheet(HTML) 13 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-P347 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-P347 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-P347 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-P347 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL-P347 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPL-P347 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACPL-P347 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ACPL-P347 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED ACPL-P347 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
LED Current Input with Hysteresis
The detector has optical receiver input stage with built in Schmitt trigger to provide logic compatible waveforms, elimi-
nating the need for additional wave shaping. The hysteresis (Figure 5) provides differential mode noise immunity and
minimizes the potential for output signal chatter.
Thermal Model for ACPL-P347/W347 Stretched SO6 Package Optocoupler
Definitions:
R11: Junction to Ambient Thermal Resistance of LED due to heating of LED
R12: Junction to Ambient Thermal Resistance of LED due to heating of Detector (Output IC)
R21: Junction to Ambient Thermal Resistance of Detector (Output IC) due to heating of LED.
R22: Junction to Ambient Thermal Resistance of Detector (Output IC) due to heating of Detector (Output IC).
P1: Power dissipation of LED (W).
P2: Power dissipation of Detector / Output IC (W).
T1: Junction temperature of LED (°C).
T2: Junction temperature of Detector (°C).
TA: Ambient temperature.
Ambient Temperature: Junction to Ambient Thermal Resistances were measured approximately 1.25 cm above opto-
coupler at ~23
°C in still air
Thermal Resistance
°C/W
R11
135
R12
27
R21
39
R22
47
This thermal model assumes that an 6-pin single-channel plastic package optocoupler is soldered into a 7.62 cm x 7.62
cm printed circuit board (PCB) per JEDEC standards. The temperature at the LED and Detector junctions of the optocou-
pler can be calculated using the equations below.
T1 = (R11 * P1 + R12 * P2) + TA -- (1)
T2 = (R21 * P1 + R22 * P2) + TA -- (2)
Using the given thermal resistances and thermal model formula in this datasheet, we can calculate the junction tem-
perature for both LED and the output detector. Both junction temperatures should be within the absolute maxi¬mum
rating.
For example, given P1 = 17 mW, P2 = 214 mW, TA = 85 °C:
LED junction temperature,
T1 = (R11 * P1 + R12 * P2) + TA
= (135 * 0.017 + 27 * 0.214) + 85
= 93.1
°C
Output IC junction temperature,
T2 = (R21 x P1 + R22 x P2) + TA
= (39 *0.017 + 47 * 0.214) + 85
= 95.7
°C
T1 and T2 should be limited to 125 °C based on the board layout and part placement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com