Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-AM65 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-AM65
Description  Precision Optical Performance Red Green and Blue New 5mm Mini Oval LEDs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-AM65 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-AM65 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-AM65 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-AM65 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-AM65 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-AM65 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-AM65 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-AM65 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-AM65 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-AM65 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
HLMP-AG64/65, HLMP-AM64/65, HLMP-AB64/65
Precision Optical Performance Red Green and Blue
New 5mm Mini Oval LEDs
Data Sheet
Caution: INGaN devices are Class 1C HBM ESD sensitive per JEDEC Standard. Please observe appropriate
precautions during handling and processing. Refer to Application Note AN – 1142 for additional details.
Description
These Precision Optical Performance Oval LEDs are spe-
cifically designed for full color/video and passenger infor-
mation signs. The oval shaped radiation pattern and high
luminous intensity ensure that these devices are excellent
for wide field of view outdoor applications where a wide
viewing angle and readability in sunlight are essential.
The package epoxy contains both UV-A and UV-B inhibi-
tors to reduce the effects of long term exposure to direct
sunlight.
Features
 Well defined spatial radiation pattern
 High brightness material
 Available in red, green and blue color
Red AlInGaP 626 nm
Green InGaN 525nm
Blue InGaN 470nm
 Superior resistance to moisture
 Standoff Package
 Tinted and diffused
 Typical viewing angle 30° x 70°
Applications
 Full color signs
Package Dimensions
Package drawing A
Package drawing B
Notes:
All dimensions in millimeters (inches).
5.20 ± 0.20
0.205 ± 0.008
8.70 ± 0.20
0.342 ± 0.008
2.54 ± 0.3
0.100 ± 0.012
1.00
0.038
3.80 ± 0.200
0.150 ± 0.008
min.
0.8
0.032
cathode lead
24.00
0.945
0.50 ± 0.10
0.020 ± 0.004
1.50 ± 0.15
0.0591 ± 0.006
11.70 ± 0.50
0.4606 ± 0.020
sq. typ.
8.70 ± 0.20
0.342 ± 0.008
5.20 ± 0.200
0.205 ± 0.008
24.00
0.945
0.70
0.028
0.8
0.032
0.50 ± 0.10
0.020 ± 0.004
sq. typ.
2.54 ± 0.3
0.100 ± 0.012
1.00
0.038
min.
cathode lead
max.
max.
max.
min.
min.
0.70
0.028
max.
3.80 ± 0.200
0.150 ± 0.008


Similar Part No. - HLMP-AM65

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HLMP-AM65-140XX BOARDCOM-HLMP-AM65-140XX Datasheet
231Kb / 12P
Precision Optical Performance Red Green and Blue New 5mm Mini Oval LEDs
More results

Similar Description - HLMP-AM65

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-AB87 HP-HLMP-AB87 Datasheet
78Kb / 8P
5mm Mini Oval Precision Optical Performance Red, Blue and Green LEDs.
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HG63 AVAGO-HLMP-HG63 Datasheet
449Kb / 12P
Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-AD85 AVAGO-HLMP-AD85 Datasheet
353Kb / 12P
Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
HLMP-HD61 AVAGO-HLMP-HD61 Datasheet
272Kb / 12P
Precision Optical Performance Red, Green and Blue 5mm Standard Oval LEDs
HLMP-AD61 AVAGO-HLMP-AD61 Datasheet
204Kb / 12P
Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
HLMP-HG64 AVAGO-HLMP-HG64 Datasheet
265Kb / 12P
Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HG65 AVAGO-HLMP-HG65 Datasheet
884Kb / 14P
Precision Optical Performance Red, Green, and Blue New 5mm Standard Oval LEDs
HLMP-LD63 AVAGO-HLMP-LD63 Datasheet
469Kb / 12P
Precision Optical Performance Red, Green and Blue New 4mm Standard Oval LEDs
HLMP-LG65-VY0DD AVAGO-HLMP-LG65-VY0DD Datasheet
343Kb / 8P
Precision Optical Performance Red New 4mm Standard Oval LEDs
logo
Broadcom Corporation.
HLMP-AG64 BOARDCOM-HLMP-AG64 Datasheet
231Kb / 12P
Precision Optical Performance Red Green and Blue New 5mm Mini Oval LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com