Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX2370 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2370
Description  PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2370 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMX2370 Datasheet HTML 1Page - National Semiconductor (TI) LMX2370 Datasheet HTML 2Page - National Semiconductor (TI) LMX2370 Datasheet HTML 3Page - National Semiconductor (TI) LMX2370 Datasheet HTML 4Page - National Semiconductor (TI) LMX2370 Datasheet HTML 5Page - National Semiconductor (TI) LMX2370 Datasheet HTML 6Page - National Semiconductor (TI) LMX2370 Datasheet HTML 7Page - National Semiconductor (TI) LMX2370 Datasheet HTML 8Page - National Semiconductor (TI) LMX2370 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LMX2370/LMX2371/LMX2372
PLLatinumDual Frequency Synthesizer for RF
Personal Communications
LMX2370
2.5 GHz/1.2 GHz
LMX2371
2.0 GHz/1.2 GHz
LMX2372
1.2 GHz/1.2 GHz
General Description
The LMX237X family of monolithic, integrated dual fre-
quency synthesizers, including prescalers, is designed to be
used as a first and second local oscillator for dual mode or
dual conversion transceivers. It is fabricated using National’s
0.5u ABiCV silicon BiCMOS process. The LMX237X con-
tains two dual modulus prescalers. A 32/33 or a 16/17
prescaler can be selected for the 2.5 GHz and 2.0 GHz RF
synthesizers with the 16/17 prescaler rated for input frequen-
cies below 1.2 GHz. A 16/17 or an 8/9 prescaler can be se-
lected for the 1.2 GHz RF synthesizers with the 8/9 prescaler
rated for input frequencies below 550 MHz. Using a digital
phase locked loop technique, the LMX237X can generate
very stable, low noise control signals for UHF and VHF volt-
age controlled oscillators (VCO’s). Serial data is transferred
into the LMX237X via a 1.8V three wire interface (Data, En-
able, Clock) compatible with low voltage baseband proces-
sors. Supply voltage can range from 2.7V to 5.5V. The
LMX237X family features very low current consumption typi-
cally: LMX2370 - 6.0 mA @ 3V, LMX2371 - 5.0 mA @ 3V,
LMX2372 - 4.0 mA @ 3V.
The LMX237X are available in a 24-pad chip scale (CSP) or
a 20-pin TSSOP surface mount plastic package.
Features
n 2.7V–5.5V operation
n Ultra low current consumption
n Low phase detector noise floor
n Low voltage MICROWIREinterface (1.8V up to VCC)
n Low prescaler values
32/33 @ f
IN ≤ 2.5 GHz
16/17 @ f
IN ≤ 1.2 GHz
8/9 @ f
IN ≤ 550 MHz
n Selectable charge pump current levels
n Selectable FastLockmode
n Enhanced ESD protection
n Small 24 pad chip scale package (3.5 x 4.5 x 1.0 mm)
Applications
n Portable wireless communications (PCS/PCN, cordless)
n Dual mode cellular telephone systems
n Spread spectrum communication systems (CDMA)
n Cable TV tuners (CATV)
Functional Block Diagram
FastLock, PLLatinumand MICROWIREare trademarks of National Semiconductor Corporation.
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
DS101026-1
PRELIMINARY
March 1999
© 1999 National Semiconductor Corporation
DS101026
www.national.com


Similar Part No. - LMX2370

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2377U NSC-LMX2377U Datasheet
3Mb / 44P
PLLatinum??Ultra Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2377USLBX NSC-LMX2377USLBX Datasheet
3Mb / 44P
PLLatinum??Ultra Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2377USLEX NSC-LMX2377USLEX Datasheet
3Mb / 44P
PLLatinum??Ultra Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2377UTM NSC-LMX2377UTM Datasheet
3Mb / 44P
PLLatinum??Ultra Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2377UTMX NSC-LMX2377UTMX Datasheet
3Mb / 44P
PLLatinum??Ultra Low Power Dual Frequency Synthesizer for RF Personal Communications
More results

Similar Description - LMX2370

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2330A NSC-LMX2330A Datasheet
392Kb / 17P
PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2330L NSC-LMX2330L Datasheet
496Kb / 21P
PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2335 NSC-LMX2335 Datasheet
393Kb / 18P
PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2335L NSC-LMX2335L Datasheet
542Kb / 22P
PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2346 NSC-LMX2346 Datasheet
606Kb / 27P
PLLatinum??Frequency Synthesizer for RF Personal Communications
LMX2430 NSC-LMX2430 Datasheet
943Kb / 49P
PLLatinum Dual High Frequency Synthesizer for RF Personal Communications
LMX2323 NSC-LMX2323 Datasheet
185Kb / 12P
PLLatinum 2.0 GHz Frequency Synthesizer for RF Personal Communications
LMX2306 NSC-LMX2306_04 Datasheet
338Kb / 19P
PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
logo
Texas Instruments
LMX2335 TI-LMX2335 Datasheet
437Kb / 19P
PLLatinum Dual Frequency Synthesizer for RF Personal Communications
LMX2430 TI1-LMX2430_14 Datasheet
4Mb / 48P
PLLatinum??Dual High Frequency Synthesizer for RF Personal Communications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com