Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-AM74 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-AM74
Description  Well defi ned spatial radiation pattern
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-AM74 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-AM74 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-AM74 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-AM74 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-AM74 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-AM74 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-AM74 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-AM74 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-AM74 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-AM74 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Device Selection Guide
Part Number
Color and Dominant
Wavelength
λd (nm)
Typ [3]
Luminous Intensity Iv (mcd)
at 20 mA [1,2,5]
Typical Viewing
Angle (°) [4]
Standoff
Package
Drawing
Min
Max
HLMP-AG74-120DD
Red 626
2900
4200
30° x 70°
No
A
HLMP-AG75-120DD
Red 626
2900
4200
Yes
B
HLMP-AM74-45CDD
Green 530
5040
7260
No
A
HLMP-AM75-45CDD
Green 530
5040
7260
Yes
B
HLMP-AB74-WXBDD
Blue 470
1380
1990
No
A
HLMP-AB75-WXBDD
Blue 470
1380
1990
Yes
B
Notes:
1. The luminous intensity is measured on the mechanical axis of the lamp package and it is tested with pulsing condition.
2. The optical axis is closely aligned with the package mechanical axis.
3. Dominant wavelength,
λd, is derived from the CIE Chromaticity Diagram and represents the color of the lamp.
4.
θ½ is the off-axis angle where the luminous intensity is half the on-axis intensity.
5. Tolerance for each bin limit is ± 15%.
Note: Please refer to AB 5337 for complete information about part numbering system
Part Numbering System
Packaging Option
DD: Ammopack
Color Bin Selection
0 : Full Distribution
B : Color Bin 2 and 3
C : Color Bin 3 and 4
Maximum Intensity Bin
Refer to Device Selection Guide
Minimum Intensity Bin
Refer to Device Selection Guide
Standoff/Non Standoff
74 : Non Standoff
75 : Standoff
Color
G : Red
M : Green
B : Blue
Package
A: 5 mm Mini Oval 30° x 70°
HLMP – A x xx – x x x xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com