Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-LM71 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-LM71
Description  Red, Green and Blue 4 mm Standard Oval LEDs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-LM71 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-LM71 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-LM71 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-LM71 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-LM71 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-LM71 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-LM71 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-LM71 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-LM71 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-LM71 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Package Dimensions
CATHODE LEAD
NOTE:
1. MEASURED AT BASE OF LENS.
2.54 ± 0.30
0.100 ± 0.012
MIN.
1.0
0.039
3.00 ± 0.20
0.118 ± 0.008
Sq Typ. 0.50 ± 0.10
0.020 ± 0.004
MIN.
21.0
0.827
MAX. EPOXY MENISCUS
0.80
0.031
1.25 ± 0.20
0.049 ± 0.008
7.26 ± 0.20
0.286 ± 0.008
10.00 ± 0.50
0.394 ± 0.020
3.80 ± 0.20
0.1496 ± 0.008
Notes:
All dimensions in millimeters (inches).
Tolerance is ± 0.20 mm unless other specified
Device Selection Guide
Part Number
Color and Dominant
Wavelength
λd (nm) Typ[3]
Luminous Intensity Iv (mcd)
at 20 mA [1,2,4]
Luminous Intensity Iv (mcd)
at 20 mA [1,2,4]
HLMP-LG71-VY0DD
Red 626
1150
2400
HLMP-LM71-Z30DD
Green 525
2400
5040
HLMP-LB71-SV0DD
Blue 470
660
1380
Notes:
1. The luminous intensity is measured on the mechanical axis of the lamp package and it is tested with pulsing condition.
2. The optical axis is closely aligned with the package mechanical axis.
3. Dominant wavelength,
λd, is derived from the CIE Chromaticity Diagram and represents the color of the lamp.
4. Tolerance for each bin limit is ± 15%.
Note: Please refer to AB 5337 for complete information about part numbering system.
Part Numbering System
Packaging Option
DD: Ammopack
Color Bin Selection
0 : Full Distribution
Maximum Intensity Bin
Refer to Device Selection Guide
Minimum Intensity Bin
Refer to Device Selection Guide
Color
B : Blue 470
G : Red 626
M : Green 525
Package
L: 4 mm Standard Oval 40° x 100°
HLMP-L x 71 – x x x xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com