Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-LM75 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-LM75
Description  Red, Green and Blue 4 mm Standard Oval LEDs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-LM75 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-LM75 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-LM75 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-LM75 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-LM75 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-LM75 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-LM75 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-LM75 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-LM75 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-LM75 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Device Selection Guide
Part Number
Color and Dominant
Wavelength
Od (nm) Typ
Luminous Intensity Iv (mcd)
at 20 mA [1,2,5]
Min
Max
Typical Viewing Angle (°)
HLMP-LG75-XY0DD
Red 626
1660
2400
40x100
HLMP-LM75-34CDD
Green 530
4200
6050
40x100
HLMP-LB75-VWBDD
Blue 470
1150
1660
40x100
Notes:
1. The luminous intensity is measured on the mechanical axis of the lamp package and it is tested with pulsing condition.
2. The optical axis is closely aligned with the package mechanical axis.
3. Dominant wavelength,
Od, is derived from the CIE Chromaticity Diagram and represents the color of the lamp.
4.
T½ is the off-axis angle where the luminous intensity is half the on-axis intensity.
5. Tolerance for each bin limit is ± 15%.
Note: Please refer to AB 5337 for complete information about part numbering system
Part Numbering System
Packaging Option
DD: Ammopack
Color Bin Selection
0 : Full Distribution
B : Color Bin 2 and 3
C : Color Bin 3 and 4
Maximum Intensity Bin
Refer to Device Selection Guide
Minimum Intensity Bin
Refer to Device Selection Guide
Color
G : Red
M : Green
B : Blue
Package
L: 4 mm Standard Oval
HLMP – L x 75 – x x x xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com