Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMP-389Z Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMP-389Z
Description  RF Switching PIN Diodes In Surface Mount SOD-323 Package
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMP-389Z Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HSMP-389Z Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMP-389Z Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMP-389Z Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMP-389Z Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMP-389Z Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Table 1. Absolute Maximum Ratings [1] at Tc = +25°C
Table 2. Electrical Specifications at Tc = +25°C
Table 3. Typical Parameters at Tc = +25°C
Notes:
1. Operation in excess of any one of these conditions may result in permanent damage to the device.
2. Thermal Resistance is measured from junction to board using IR method.
Symbol
Parameter
Unit
Max Rating
If
Forward Current (1 µs Pulse)
Amp
1
PIV
Peak Inverse Voltage
V
100
Tj
Junction Temperature
0C150
Tstg
Storage Temperature
0C
-60 to 150
θ
jb
Thermal Resistance[2]
0C/W
135
Minimum Breakdown Voltage
VBR (V)
Maximum Total Resistance
RS (Ohm)
Maximum Total Capacitance
CT (pF)
100
2.5
0.30
Test Conditions
VR = VBR
Measure IR
≤ 10uA
IF = 5mA
f = 100 MHz
VR = 5V
f = 1MHz
Series Resistance
RS (Ohm)
Carrier Lifetime
τ (ns)
Total Capacitance
CT (pF)
3.8
200
0.20
Test Conditions
IF = 1 mA
f = 100 MHz
IF = 10mA
IR = 6mA
VR = 5V
f = 1MHz
Note : Rs parameter is tested under AQL 1.0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com