Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX2371TM Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2371TM
Description  PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2371TM Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMX2371TM Datasheet HTML 1Page - National Semiconductor (TI) LMX2371TM Datasheet HTML 2Page - National Semiconductor (TI) LMX2371TM Datasheet HTML 3Page - National Semiconductor (TI) LMX2371TM Datasheet HTML 4Page - National Semiconductor (TI) LMX2371TM Datasheet HTML 5Page - National Semiconductor (TI) LMX2371TM Datasheet HTML 6Page - National Semiconductor (TI) LMX2371TM Datasheet HTML 7Page - National Semiconductor (TI) LMX2371TM Datasheet HTML 8Page - National Semiconductor (TI) LMX2371TM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Pin Descriptions (Continued)
Pin No.
Pin
Name
I/O
Description
24-Pin
CSP
20-Pin
TSSOP
16
14
Vµc
—
Power supply for MICROWIRE circuitry. Must be
≤ V
CC. Typically connected to
same supply level as µprocessor or baseband controller to enable programming at
low voltages.
17
15
GND
—
Ground for Aux analog circuitry.
18
16
f
IN2
I
Auxiliary prescaler input. Small signal input from the VCO.
19
17
GND
—
Ground for Aux digital, MICROWIRE, FoLD, and oscillator.
20
18
CP
o2
O
Aux internal charge pump output. For connection to a loop filter for driving the
input of an external VCO.
22
19
Vp2
—
Power supply for Aux charge pump. Must be
≥ V
CC.
23
20
V
CC2
—
Power supply voltage input for Aux analog, Aux digital, FoLD, and oscillator
circuits. Input may range from 2.7V to 5.5V. V
CC2 must equal VCC1. Bypass
capacitors should be placed as close as possible to this pin and be connected
directly to the ground plane.
1, 9,
13, 21
—
NC
—
No Connect
Block Diagram
DS101026-4
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com