Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX3161VBHX Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX3161VBHX
Description  Single Chip Radio Transceiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX3161VBHX Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LMX3161VBHX Datasheet HTML 6Page - National Semiconductor (TI) LMX3161VBHX Datasheet HTML 7Page - National Semiconductor (TI) LMX3161VBHX Datasheet HTML 8Page - National Semiconductor (TI) LMX3161VBHX Datasheet HTML 9Page - National Semiconductor (TI) LMX3161VBHX Datasheet HTML 10Page - National Semiconductor (TI) LMX3161VBHX Datasheet HTML 11Page - National Semiconductor (TI) LMX3161VBHX Datasheet HTML 12Page - National Semiconductor (TI) LMX3161VBHX Datasheet HTML 13Page - National Semiconductor (TI) LMX3161VBHX Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Typical Application
DECT System Calculation for 3.6V Operation
DS012815-7
DS012815-11
Note: Assumes 50 dB attenuation of interferer by the SAW filter and 8 dB attenuation by the LC filter. Cascaded totals in Input IP3 are calculated at the output
of the interstage filter.
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com