Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMP100MC-270 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SMP100MC-270
Description  TRISIL™ FOR TELECOM EQUIPMENT PROTECTION
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMP100MC-270 Datasheet(HTML) 1 Page - STMicroelectronics

  SMP100MC-270 Datasheet HTML 1Page - STMicroelectronics SMP100MC-270 Datasheet HTML 2Page - STMicroelectronics SMP100MC-270 Datasheet HTML 3Page - STMicroelectronics SMP100MC-270 Datasheet HTML 4Page - STMicroelectronics SMP100MC-270 Datasheet HTML 5Page - STMicroelectronics SMP100MC-270 Datasheet HTML 6Page - STMicroelectronics SMP100MC-270 Datasheet HTML 7Page - STMicroelectronics SMP100MC-270 Datasheet HTML 8Page - STMicroelectronics SMP100MC-270 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
®
1/10
SMP100MC
TRISIL™ FOR TELECOM EQUIPMENT PROTECTION
REV. 1
SMB
(JEDEC DO-214AA)
December 2004
FEATURES
■ Bidirectional crowbar protection
■ Voltage: range from 120V to 270V
■ Low VBO / VR ratio
■ Micro capacitance from 20pF to 30pF @ 50V
■ Low leakage current : IR = 2µA max
■ Holding current: IH = 150 mA min
■ Repetitive peak pulse current :
IPP = 100 A (10/1000µs)
MAIN APPLICATIONS
Any sensitive equipment requiring protection
against lightning strikes and power crossing.
These devices are dedicated to central office pro-
tection as they comply with the most stressfull
standards.
Their Micro Capacitance make them suitable for
ADSL2+ and low end VDSL.
DESCRIPTION
The SMP100MC is a series of micro capacitance
transient surge arrestors designed for the protec-
tion of high debit rate communication equipment.
Its micro capacitance avoids any distortion of the
signal and is compatible with digital transmission
line cards (ADSL, VDSL, ISDN...).
Compatible with Cooper Bussmann fuse:
TCP 1.25A.
BENEFITS
Trisils are not subject to ageing and provide a fail
safe mode in short circuit for a better protection.
They are used to help equipment to meet main
standards such as UL60950, IEC950 / CSA C22.2
and UL1459. They have UL94 V0 approved resin.
SMB package is JEDEC registered (DO-214AA).
Trisils comply with the following standards GR-
1089 Core, ITU-T-K20/K21, VDE0433, VDE0878,
IEC61000-4-5 and FCC part 68.
Table 1: Order Codes
Part Number
Marking
SMP100MC-120
ML12
SMP100MC-140
ML14
SMP100MC-160
ML16
SMP100MC-200
ML20
SMP100MC-230
ML23
SMP100MC-270
ML27
Figure 1: Schematic Diagram


Similar Part No. - SMP100MC-270

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMP100MC-270 STMICROELECTRONICS-SMP100MC-270 Datasheet
166Kb / 13P
Trisil??for telecom equipment protection
09-Feb-2012
More results

Similar Description - SMP100MC-270

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMP50-XXX STMICROELECTRONICS-SMP50-XXX Datasheet
81Kb / 8P
TELECOM EQUIPMENT PROTECTION: TRISIL?
SMP80MC STMICROELECTRONICS-SMP80MC Datasheet
85Kb / 9P
TRISIL FOR TELECOM EQUIPMENT PROTECTION
20-Jun-2005
SMP50 STMICROELECTRONICS-SMP50 Datasheet
106Kb / 10P
TRISIL FOR TELECOM EQUIPMENT PROTECTION
16-Nov-2004
SMP30 STMICROELECTRONICS-SMP30_04 Datasheet
87Kb / 9P
TRISIL FOR TELECOM EQUIPMENT PROTECTION
13-Dec-2004
SMP50 STMICROELECTRONICS-SMP50_07 Datasheet
129Kb / 11P
Trisil for telecom equipment protection
12-Jun-2007
SMP80MC STMICROELECTRONICS-SMP80MC_07 Datasheet
118Kb / 10P
TRISIL for telecom equipment protection
18-Jan-2007
SMP100LC STMICROELECTRONICS-SMP100LC_07 Datasheet
148Kb / 12P
Trisil for telecom equipment protection
05-Mar-2007
SMP100MC STMICROELECTRONICS-SMP100MC_05 Datasheet
166Kb / 13P
Trisil??for telecom equipment protection
09-Feb-2012
SMP100LC-65 STMICROELECTRONICS-SMP100LC-65 Datasheet
65Kb / 8P
TELECOM EQUIPMENT PROTECTION: TRISIL?
Jul-2002
SMP75 STMICROELECTRONICS-SMP75 Datasheet
89Kb / 9P
Trisil??for telecom equipment protection
19-Oct-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com