Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX2372TM Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2372TM
Description  PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2372TM Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LMX2372TM Datasheet HTML 3Page - National Semiconductor (TI) LMX2372TM Datasheet HTML 4Page - National Semiconductor (TI) LMX2372TM Datasheet HTML 5Page - National Semiconductor (TI) LMX2372TM Datasheet HTML 6Page - National Semiconductor (TI) LMX2372TM Datasheet HTML 7Page - National Semiconductor (TI) LMX2372TM Datasheet HTML 8Page - National Semiconductor (TI) LMX2372TM Datasheet HTML 9Page - National Semiconductor (TI) LMX2372TM Datasheet HTML 10Page - National Semiconductor (TI) LMX2372TM Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
1.0 Functional Description (Continued)
The reference oscillator input block is powered down when both Main_PWDN and Aux_PWDN bits are asserted. The OSC
in pin
reverts to a high impedance state when this condition exists. Power down forces the respective charge pump and phase com-
parator logic to a TRI-STATE condition. During the power down condition, both N- and R-counters are held at reset. Upon pow-
ering up, the N-counter resumes counting in “close” alignment with the R-counter. The maximum error is at most one prescaler
cycle. The MICROWIRE interface remains active and it is capable of loading and latching in data during all of the power down
modes.
2.0 Programming Description
2.1 MICROWIRE INTERFACE
The LMX237X register set can be accessed through the MICROWIRE interface. A 22-bit shift register is used as a temporary reg-
ister to indirectly program the on-chip registers. The shift register consists of a 20-bit DATA[19:0] field and a 2-bit ADDRESS[1:0]
field as shown below. The address field is used to decode the internal register address. Data is clocked into the shift register in
the direction from MSB to LSB, when the CLOCK signal goes high. On the rising edge of Load Enable (LE) signal, data stored
in the shift register is loaded into the addressed latch.
MSB
LSB
DATA[19:0]
ADDRESS[1:0]
21
2
1
0
2.1.1 Registers’ Address Map
When Load Enable (LE) is transitioned high, data is transferred from the 22-bit shift register into the appropriate latch depending
on the state of the ADDRESS[1:0] bits. A multiplexing circuit decodes these address bits and writes the data field to the corre-
sponding internal register.
ADDRESS[1:0]
REGISTER
FIELD
ADDRESSED
0
0
Aux_R Register
0
1
Aux_N Register
1
0
Main_R Register
1
1
Main_N Register
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com