Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAB.D05 Datasheet(PDF) 3 Page - Taoglas antenna solutions

Part # CAB.D05
Description  taoglas cable assembly
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

CAB.D05 Datasheet(HTML) 3 Page - Taoglas antenna solutions

  CAB.D05 Datasheet HTML 1Page - Taoglas antenna solutions CAB.D05 Datasheet HTML 2Page - Taoglas antenna solutions CAB.D05 Datasheet HTML 3Page - Taoglas antenna solutions CAB.D05 Datasheet HTML 4Page - Taoglas antenna solutions CAB.D05 Datasheet HTML 5Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SPE-14-8-001/B/WY Page 3 of 5
2.2 Structure and Dimensions
2.3 Electrical & Physical Specification
1
Temperature rating:
80°C
2
Voltage Rating:
30V
3
Insulation Resistance:
10MΩ-Km (Min) at 20°C dc
500V(EIA-364-21)
4
Conductor Resistance:
20°C 26 AWG:
148.96 Ω/Km
(Max)
5
Capacitance:
30.8pf/ft
6
Dielectric Strength
AC 500V/1 minute no breakdown
(EIA-364-20)
7
Impedance:
10MHz3GHz
50  5 Ω
8
Standard Attenuation:
100MHz
8.4 dB/100ft
200MHz
12.5 dB/100ft
400MHz
19.0 dB/100ft
900MHz
31.0 dB/100ft
1GHz
34.0 dB/100ft
1.8GHz
49.4 dB/100ft
2.34GHz
53.0 dB/100ft



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com