Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSD103T1 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MMSD103T1
Description  High Voltage Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMSD103T1 Datasheet(HTML) 1 Page - ON Semiconductor

  MMSD103T1 Datasheet HTML 1Page - ON Semiconductor MMSD103T1 Datasheet HTML 2Page - ON Semiconductor MMSD103T1 Datasheet HTML 3Page - ON Semiconductor MMSD103T1 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2001
August, 2000 – Rev. 0
1
Publication Order Number:
MMSD103T1/D
MMSD103T1
Preferred Device
High Voltage Switching
Diode
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Continuous Reverse Voltage
VR
250
Vdc
Peak Forward Current
IF
200
mAdc
Peak Forward Surge Current
IFM(surge)
625
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Forward Power Dissipation,
FR–5 Board (Note 1.) @ TA = 25°C
Derate above 25
°C
PF
400
3.2
mW
mW/
°C
Thermal Resistance,
Junction to Case
R
θJL
174
°C/W
Thermal Resistance,
Junction to Ambient
R
θJA
492
°C/W
Junction Temperature
TJ
125 Max
°C
Storage Temperature Range
Tstg
–55 to +150
°C
1. FR–5 = 1.0
 0.75  0.062 in.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Reverse Voltage Leakage Current
(VR = 200 Vdc)
(VR = 200 Vdc, TJ = 150°C)
IR
—
—
1.0
100
µAdc
Reverse Breakdown Voltage
(IBR = 100 µAdc)
V(BR)
250
—
Vdc
Forward Voltage
(IF = 100 mAdc)
(IF = 200 mAdc)
VF
—
—
1000
1250
mV
Diode Capacitance
(VR = 0, f = 1.0 MHz)
CD
—
5.0
pF
Reverse Recovery Time
(IF = IR = 30 mAdc, RL = 100 Ω)
trr
—
50
ns
http://onsemi.com
Preferred devices are recommended choices for future use
and best overall value.
Device
Package
Shipping
ORDERING INFORMATION
MMSD103T1
SOD–123
3000 / Tape & Reel
MARKING
DIAGRAM
CASE 425–04, STYLE 1
SOD–123
1
2
1
Cathode
2
Anode
JS
JS = Specific Device Code


Similar Part No. - MMSD103T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMSD103T1 ONSEMI-MMSD103T1 Datasheet
54Kb / 3P
High Voltage Switching Diode
January, 2007 ??Rev. 3
MMSD103T1 ONSEMI-MMSD103T1 Datasheet
103Kb / 4P
High Voltage Switching Diode
July, 2010 ??Rev. 5
MMSD103T1G ONSEMI-MMSD103T1G Datasheet
54Kb / 3P
High Voltage Switching Diode
January, 2007 ??Rev. 3
MMSD103T1G ONSEMI-MMSD103T1G Datasheet
130Kb / 4P
High Voltage Switching Diode
November, 2011 ??Rev. 6
MMSD103T1G ONSEMI-MMSD103T1G_11 Datasheet
130Kb / 4P
High Voltage Switching Diode
November, 2011 ??Rev. 6
More results

Similar Description - MMSD103T1

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BAS21SG CYSTEKEC-BAS21SG Datasheet
150Kb / 4P
High voltage switching diode
logo
Central Semiconductor C...
CPD80V CENTRAL-CPD80V Datasheet
231Kb / 2P
Switching Diode High Voltage Switching Diode Chip
logo
ON Semiconductor
BAS19LT1 ONSEMI-BAS19LT1_07 Datasheet
128Kb / 6P
High Voltage Switching Diode
January, 2007 ??Rev. 9
logo
Central Semiconductor C...
CPD80V CENTRAL-CPD80V_10 Datasheet
400Kb / 2P
Switching Diode High Voltage Switching Diode Chip
logo
KODENSHI_AUK CORP.
SDS19F KODENSHI-SDS19F Datasheet
268Kb / 5P
High Voltage Switching Diode
SDS19WK KODENSHI-SDS19WK Datasheet
253Kb / 5P
High Voltage Switching Diode
SDS20 KODENSHI-SDS20 Datasheet
254Kb / 5P
High Voltage Switching Diode
SDS20D KODENSHI-SDS20D Datasheet
225Kb / 5P
High Voltage Switching Diode
SDS21F KODENSHI-SDS21F Datasheet
268Kb / 5P
High Voltage Switching Diode
logo
Taiwan Semiconductor Co...
BAV19 TSC-BAV19_11 Datasheet
208Kb / 3P
High Voltage Switching Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com