Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3BJHM3/5BT Datasheet(PDF) 1 Page - Vishay Siliconix

Part # AS3BJHM3/5BT
Description  Avalanche Surface Mount Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

AS3BJHM3/5BT Datasheet(HTML) 1 Page - Vishay Siliconix

  AS3BJHM3/5BT Datasheet HTML 1Page - Vishay Siliconix AS3BJHM3/5BT Datasheet HTML 2Page - Vishay Siliconix AS3BJHM3/5BT Datasheet HTML 3Page - Vishay Siliconix AS3BJHM3/5BT Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
AS3BD, AS3BG, AS3BJ
www.vishay.com
Vishay General Semiconductor
Revision: 01-Dec-16
1
Document Number: 89377
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Avalanche Surface Mount Rectifiers
TYPICAL APPLICATIONS
For
use
in
general
purpose
rectification
of
power
supplies, inverters, converters, and freewheeling diodes for
consumer, automotive, and telecommunication.
FEATURES
• Low profile package
• Ideal for automated placement
• Glass passivated chip junction
• Controlled avalanche characteristics
• Low leakage current
• High forward surge capability
• AEC-Q101 qualified available
- Automotive ordering code: base P/NHM3
• Meets MSL level 1, per J-STD-020, LF maximum peak
of 260 °C
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
MECHANICAL DATA
Case: DO-214AA (SMB)
Molding compound meets UL 94 V-0 flammability rating
Base P/N-M3 - halogen-free, RoHS compliant, and
commercial grade
Base
P/NHM3
-
halogen-free,
RoHS-compliant
and
AEC-Q101 qualified
Base P/NHM3_X - halogen-free, RoHS-compliant and
AEC-Q101 qualified
(“_X” denotes revision code e.g. A, B,.....)
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
M3 suffix meets JESD 201 class 1A whisker test, HM3 suffix
meets JESD 201 class 2 whisker test
Polarity: Color band denotes cathode end
Notes
(1) Mounted on 14 mm x 14 mm x 2 areas, 1 oz. FR4 PCB
(2) Free air, mounted on recommended 1.52 mm x 2.18 mm x 2 pad areas
PRIMARY CHARACTERISTICS
IF(AV)
3.0 A
VRRM
200 V, 400 V, 600 V
IFSM
90 A
trr
140 ns
EAS
20 mJ
VF at IF = 3.0 A (TA = 125 °C)
0.86 V
TJ max.
175 °C
Package
DO-214AA (SMB)
Diode variation
Single die
DO-214AA (SMB)
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
AS3BD
AS3BG
AS3BJ
UNIT
Device marking code
A3D
A3G
A3J
Maximum repetitive peak reverse voltage
VRRM
200
400
600
V
Maximum DC forward current (fig. 1)
IF (1)
3.0
A
IF (2)
2.0
Peak forward surge current 10 ms single half sine-wave,
non-repetitive, cool junction
IFSM
90
A
Non-repetitive avalanche energy at TJ = 25 °C
IAS = 2.0 A max.
EAS
20
mJ
IAS = 1.0 A typ.
30
Operating junction and storage temperature range
TJ, TSTG
-55 to +175
°C


Similar Part No. - AS3BJHM3/5BT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AS3BJ VISHAY-AS3BJ Datasheet
88Kb / 4P
Avalanche Surface Mount Rectifiers
31-May-11
logo
SUNMATE electronic Co.,...
AS3BJ SUNMATE-AS3BJ Datasheet
503Kb / 2P
AVALANCHE SURFACE MOUNT RECTIFIER DIODES
logo
Vishay Siliconix
AS3BJ VISHAY-AS3BJ Datasheet
100Kb / 4P
Standard Avalanche Surface-Mount Rectifiers
20-Feb-2020
More results

Similar Description - AS3BJHM3/5BT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AR1PD VISHAY-AR1PD Datasheet
91Kb / 5P
Surface Mount Fast Avalanche Rectifiers
19-Apr-11
AU2PD VISHAY-AU2PD Datasheet
92Kb / 5P
Ultrafast Avalanche Surface Mount Rectifiers
04-May-11
AU2PK VISHAY-AU2PK Datasheet
92Kb / 5P
Ultrafast Avalanche Surface Mount Rectifiers
04-May-11
AS3BJ VISHAY-AS3BJ Datasheet
88Kb / 4P
Avalanche Surface Mount Rectifiers
31-May-11
AU3PD VISHAY-AU3PD_12 Datasheet
94Kb / 5P
Ultrafast Avalanche Surface Mount Rectifiers
04-May-11
AU1PM VISHAY-AU1PM_15 Datasheet
99Kb / 6P
Surface Mount Ultrafast Avalanche Rectifiers
19-Feb-15
AS1FD VISHAY-AS1FD Datasheet
114Kb / 5P
Standard Avalanche Surface-Mount Rectifiers
30-Sep-2020
AU2PK VISHAY-AU2PK_V01 Datasheet
101Kb / 5P
Ultrafast Avalanche Surface Mount Rectifiers
01-Apr-2020
AU3PK VISHAY-AU3PK_V01 Datasheet
100Kb / 5P
Ultrafast Avalanche Surface Mount Rectifiers
01-Apr-2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com