Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

36MT Datasheet(PDF) 2 Page - International Rectifier

Part # 36MT
Description  THREE PHASE BRIDGE Power Modules
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

36MT Datasheet(HTML) 2 Page - International Rectifier

  36MT Datasheet HTML 1Page - International Rectifier 36MT Datasheet HTML 2Page - International Rectifier 36MT Datasheet HTML 3Page - International Rectifier 36MT Datasheet HTML 4Page - International Rectifier 36MT Datasheet HTML 5Page - International Rectifier 36MT Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
26MT../36MT.. Series
Bulletin I2771 rev. E 04/03
www.irf.com
I
O
Maximum DC output current
25
35
A
120o Rect Conduction angle
@ T
C
70
60
°C
I
FSM
Maximum peak, one-cycle
360
475
A
t = 10ms
No voltage
non-repetitive forward current
375
500
t = 8.3ms
reapplied
Initial T
J = TJ max.
300
400
t = 10ms
100% V
RRM
314
420
t = 8.3ms
reapplied
Initial T
J
= T
J
max.
I2t
Maximum I2t for fusing
635
1130
A2s
t = 10ms
No voltage
Initial T
J = TJ max.
580
1030
t = 8.3ms
reapplied
450
800
t = 10ms
100% V
RRM
410
730
t = 8.3ms
reapplied
I
2
√t
Maximum I
2
√tforfusing
6360
11300
A2
√sI2t for time t
x
= I2
√tx√t
x
; 0.1 <= t
x
<= 10ms, V
RRM
= 0V
V
F(TO) 1
Low-level of threshold voltage
0.88
0.86
V
(16.7% x
πxI
F(AV)
< I <
πxI
F(AV)
), @ T
J
max.
V
F(TO)2
High-level of threshold voltage
1.13
1.03
(I >
π x I
F(AV)), @ TJ max.
r
t1
Low-level forward slope resistance
7.9
6.3
m
Ω (16.7%xπxI
F(AV)
< I <
πxI
F(AV)
), @ T
J
max.
r
t2
High-level forward slope resistance
5.2
5.0
(I >
π x I
F(AV)), @ TJ max.
V
FM
Maximum forward voltage drop
1.26
1.19
V
T
J = 25
oC, I
FM
= 40A
pk
- Per single Junction
I
RRM
Max. DC reverse current
100
µAT
J
= 25 oC, per Junction at rated V
RRM
V
INS
RMS isolation voltage
2700
V
T
J
= 25 oC, All terminal shorted
f= 50Hz , t= 1s
Parameters
26MT
36MT
Units Conditions
Forward Conduction
Voltage
V
RRM
, maximum repetitive
V
RSM
, maximum non-
I
RRM
max.
Type number
Code
peak reverse voltage
repetitive peak rev. voltage
@ T
J
max.
VV
mA
10
100
150
20
200
275
40
400
500
26MT../ 36MT..
60
600
725
2
80
800
900
100
1000
1100
120
1200
1300
140
1400
1500
160
1600
1700
ELECTRICAL SPECIFICATIONS
Voltage Ratings



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com