Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7412 Datasheet(PDF) 33 Page - STMicroelectronics

Part # TDA7412
Description  CARRADIO SIGNAL PROCESSOR
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7412 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button TDA7412 Datasheet HTML 29Page - STMicroelectronics TDA7412 Datasheet HTML 30Page - STMicroelectronics TDA7412 Datasheet HTML 31Page - STMicroelectronics TDA7412 Datasheet HTML 32Page - STMicroelectronics TDA7412 Datasheet HTML 33Page - STMicroelectronics TDA7412 Datasheet HTML 34Page - STMicroelectronics TDA7412 Datasheet HTML 35Page - STMicroelectronics TDA7412 Datasheet HTML 36Page - STMicroelectronics TDA7412 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 56 page
background image
33/56
TDA7412
Figure 26. Internal stereoblend characteristics
The gain can be programmed through 4 bits in the "Stereodecoder-Adjustment"-byte. All necessary internal ref-
erence voltages like REF5V are derived from a bandgap circuit. Therefore they have a temperature coefficient
near zero.
Figure 27. Relation between internal and external LEVEL-voltages for setup of Stereoblend
3.9 Highcut Control
The highcut control set-up is similar to the stereoblend control set-up : the starting point VHCH can be set with
2 bits to be 42, 50, 58 or 66% of REF5V whereas the range can be set to be 17, 22, 28 or 33% of VHCH (see
fig. 30).
Figure 28. Highcut characteristics
INTERNAL
VOLTAGES
t
D00AU1168
VSBL
REF 5V
SETUP OF VST
INTERNAL
VOLTAGES
t
20%
REF 5V
SETUP OF VMO
LEVEL
LEVEL INTERN
FIELDSTRENGHT VOLTAGE
VST
VMO
LEVEL INTERN
70%
VSBL
VST
VMO
FIELDSTRENGHT VOLTAGE
LOWPASS
TIME CONSTANT
D00AU1169
τ'Deemp
τDeemp
FIELDSTRENGHT
DEEMPHASIS SHIFT ON
OFF
VHCH
VHCL
3.7
τ'Deemp
3
τDeemp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com