Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP15DB Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TP15DB
Description  15W 1.5KVDC Wide Voltage Input DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP15DB Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TP15DB Datasheet HTML 1Page - Toppower Electronic Technology Limited TP15DB Datasheet HTML 2Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TP15DB Series
www.gztoppower.com
TEL:0086-20-82019000
Email:sales2@gztoppower.com
Page1 / 2
DESCRIPTION
:
:
:
:
The rated output power of TP15DB converters is 15W,the outline dimensions is "25.4*25.4*11.2",
2:1 and 4:1 wide input voltage range,the voltage range is 18V-36V,36V-75V,9V-36V .The accuracy of
the converter can reach ±1%,it can be widely used in telecommunications,railway transportation,
instrument and etc.
15
15
15
15WWWW 1.5KVDC
1.5KVDC
1.5KVDC
1.5KVDC Wide Voltage Input DC/DC Converters
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified
OUTPUT CHARACTERISTICS
parameter
conditions
Min
Typ
Max
Units
Voltage accuracy
±1
%
Voltage regulation
±10
(V0)
%
Adjustment rate
±0.2
%
Load effect
±0.5
%
Dynamic Response
50~75% Load
±4%Vo
Overshoot
%
Dynamic Response
50~25% Load
400µS
Recovery Time
%
Temperature drift coefficient
±0.02
%/
℃
FEATURES
15W output power
Long-term short-circuit protection, Auto recovery
High switching frequency , High output density
Metal shell package
With remote control and output adjustment function
RoHS compliant
SELECTION GUIDE
Part Number
Input Voltage
Output
Efficiency
(Typ)
%
Ripple and noise
(mV)
Voltage (VDC)
Voltage(VDC)
Current(A)
Rated
Range values
TP15DB24S03
24(2:1)
18-36
3.3
4.5
85
60
TP15DB24S05
24(2:1)
18-36
5
3.0
86
60
TP15DB24S24
24(2:1)
18-36
24
0.6
87
240
TP15DB48S15
48(2:1)
36-75
15
1.0
87
150
TP15DB24S05W
24(4:1)
9-36
5
3.0
86
60
TP15DB24S12W
24(4:1)
9-36
12
1.25
87
120
TP15DB24S15W
24(4:1)
9-36
15
1.0
87
150
INPUT CHARACTERISTICS
parameter
conditions
Min
Typ
Max
Units
Input Voltage
18
24
36
VDC
Input Voltage
9
24
36
VDC
Input Voltage
36
48
75
VDC
Remote Control
CNT side plus level, the reference voltage is -Vin
High frequency electric or floating , low level or ground power supply work,
output power was turned off
GENERAL CHARACTERISTICS
parameter
conditions
Min
Typ
Max
Units
Isolation voltage
Input-Ouput
1500
VDC
Isolation voltage
Input - shell
1500
VDC
Isolation voltage
Output nput - shell
500
VDC
Insulation resistance
500VDC
100
M
Ω
Switching frequency
450
KHZ
Environment temperature
-25
+95
℃
Working temperature
-25
+55
℃
Storage temperature
-40
+105
℃
Relative humidity
10
90
%


Similar Part No. - TP15DB

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP15DB TOPPOWER-TP15DB Datasheet
175Kb / 2P
15W 1.5KVDC Wide Voltage Input DC/DC Converters
TP15DB24S03 TOPPOWER-TP15DB24S03 Datasheet
400Kb / 2P
15W 1.5KVDC Wide Voltage Input DC/DC Converters
TP15DB24S03 TOPPOWER-TP15DB24S03 Datasheet
175Kb / 2P
15W 1.5KVDC Wide Voltage Input DC/DC Converters
TP15DB24S05 TOPPOWER-TP15DB24S05 Datasheet
400Kb / 2P
15W 1.5KVDC Wide Voltage Input DC/DC Converters
TP15DB24S05 TOPPOWER-TP15DB24S05 Datasheet
175Kb / 2P
15W 1.5KVDC Wide Voltage Input DC/DC Converters
More results

Similar Description - TP15DB

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP15DB TOPPOWER-TP15DB_17 Datasheet
400Kb / 2P
15W 1.5KVDC Wide Voltage Input DC/DC Converters
TP10DB TOPPOWER-TP10DB Datasheet
164Kb / 2P
10W 1.5KVDC Wide Voltage Input DC/DC Converters
TP15DC TOPPOWER-TP15DC_19 Datasheet
768Kb / 4P
15W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP15DC_19 TOPPOWER-TP15DC_19_04 Datasheet
262Kb / 4P
15W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP06DA_19 TOPPOWER-TP06DA_19_05 Datasheet
263Kb / 4P
6W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP10DB TOPPOWER-TP10DB_V01 Datasheet
688Kb / 2P
10W 1.5KVDC Wide Voltage Input DC/DC Converters
TP10DB TOPPOWER-TP10DB_V02 Datasheet
648Kb / 2P
10W 1.5KVDC Wide Voltage Input DC/DC Converters
TP15DB TOPPOWER-TP15DB_V01 Datasheet
175Kb / 2P
15W 1.5KVDC Wide Voltage Input DC/DC Converters
TP50DG TOPPOWER-TP50DG Datasheet
388Kb / 2P
50W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP20DB TOPPOWER-TP20DB Datasheet
388Kb / 2P
20W 1.5KVDC Wide Voltage Input DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com