Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPJ15159 Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TPJ15159
Description  3KVAC Isolated DC/DC Converters for IGBT drivers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPJ15159 Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TPJ15159 Datasheet HTML 1Page - Toppower Electronic Technology Limited TPJ15159 Datasheet HTML 2Page - Toppower Electronic Technology Limited TPJ15159 Datasheet HTML 3Page - Toppower Electronic Technology Limited TPJ15159 Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TPJ1515/9 Series
www.gztoppower.com
TEL:0086-20-82019000
EMAIL:sales2@gztoppower.com
Page 1 /4
DESCRIPTION
:
:
:
:
The TPJ1515/9 is 3KVAC isolated DC/DC-converters for IGBT drivers in a SIP package.
Their ultra low isolation capacitance can improve the capability of anti-interference.
The built-in common-ground mode of the unique asymmetric voltage output mode reduces the driver loss
of IGBT driver. They feature short-circuit protection and auto-recovery , and can be widely used in:
General inverter, AC servo drive system,Electric welding machine, Uninterruptible power supply (UPS) .
They offer the ideal solution in many space critical applications for board level power distribution.
The series offers smaller size, improved efficiency, lower output ripple noise.
3KVAC Isolated DC/DC Converters for IGBT drivers
SELECTION GUIDE
Part Number
Nominal Input Voltage
Output Voltage
Output Current
Efficiency (Min.)
V
V
mA
%
TPJ1515/9
15
+15/-8.7
+80/-40
78-80
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range
15V input
14.5
15
15.5
VDC
INPUT SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage
DC
-0.7
-
16
VDC
Input Filter
Filter capacitor
Hot plug
Unavailable
FEATURES
RoHS compliant
dual outputs
DC/DC-converters for IGBT drivers
Operating temperature: -40ºC to 105ºC
Footprint 1.91cm
2
UL 94V-0 package material
No heatsink required
3KVAC isolation
SIP package style
Input voltage: 15V
Output voltage: +15/-8.7
short-circuit protection
ABSOLUTE MAXIMUM RATINGS
Short-circuit protection
1 second
Lead temperature 1.5mm from case for 10 seconds
300°C
Input voltage Vin, TPJ15
15V
OUTPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
+Vo
Vin=15VDC, Pin6 & Pin7 +Io=+80mA
14
15
16
VDC
-Vo
Vin=15VDC, Pin5 & Pin6 -Io=-40mA
-7
-8.7
-10
Output Voltage Accuracy
See tolerance envelope graph
Line Regulation
Input voltage range
-
±1.2
±1.5
-
Temperature Coefficient
Full load
-
-
±0.03
%/℃
GENERAL CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Short Circuit Protection
Continuous, self-recovery
Ripple & Noise*
20MHz bandwidth
-
100
200
mVp-p


Similar Part No. - TPJ15159

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPJ1515/8-3W TOPPOWER-TPJ1515/8-3W Datasheet
359Kb / 4P
5.2KVDC Isolated DC/DC Converters for IGBT drivers
TPJ1515/8-3W TOPPOWER-TPJ1515/8-3W Datasheet
434Kb / 4P
5.2KVDC Isolated DC/DC Converters for IGBT drivers
TPJ1515/9 TOPPOWER-TPJ1515/9 Datasheet
379Kb / 4P
5.2KVDC Isolated DC/DC Converters for IGBT drivers
TPJ1515/9 TOPPOWER-TPJ1515/9 Datasheet
365Kb / 5P
5.2KVDC Isolated DC/DC Converters for IGBT drivers
TPJ1515S TOPPOWER-TPJ1515S Datasheet
623Kb / 3P
1W 6KVDC Isolated Single and Dual Output DC/DC Converters
More results

Similar Description - TPJ15159

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RXL-02T050 BEL-0RXL-02T050 Datasheet
113Kb / 5P
ISOLATED DC/DC CONVERTERS
XRSB-50R08X BEL-XRSB-50R08X Datasheet
185Kb / 7P
ISOLATED DC/DC CONVERTERS
0RCM-55S12X BEL-0RCM-55S12X Datasheet
501Kb / 6P
ISOLATED DC/DC CONVERTERS
0RCN-70S10L BEL-0RCN-70S10L Datasheet
101Kb / 3P
ISOLATED DC/DC CONVERTERS
logo
Toppower Electronic Tec...
TPJXXX TOPPOWER-TPJXXX Datasheet
379Kb / 4P
5.2KVDC Isolated DC/DC Converters for IGBT drivers
TPJXXX-3W TOPPOWER-TPJXXX-3W Datasheet
359Kb / 4P
5.2KVDC Isolated DC/DC Converters for IGBT drivers
TPJXXX-3W TOPPOWER-TPJXXX-3W_V01 Datasheet
434Kb / 4P
5.2KVDC Isolated DC/DC Converters for IGBT drivers
TPJXXX TOPPOWER-TPJXXX_V01 Datasheet
365Kb / 5P
5.2KVDC Isolated DC/DC Converters for IGBT drivers
logo
Bel Fuse Inc.
0REB-C0T06X BEL-0REB-C0T06X Datasheet
462Kb / 14P
ISOLATED DC/DC CONVERTERS
logo
Murata Power Solutions ...
MGN1 MURATA-PS-MGN1 Datasheet
997Kb / 21P
3kVAC Isolated 1W SM GaN Gate Drive DC-DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com