Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM4R151M10 Datasheet(PDF) 21 Page - API Technologies Corp

Part # MSM4R151M10
Description  Surface Mount EMI Filters
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

MSM4R151M10 Datasheet(HTML) 21 Page - API Technologies Corp

Back Button MSM4R151M10 Datasheet HTML 13Page - API Technologies Corp MSM4R151M10 Datasheet HTML 14Page - API Technologies Corp MSM4R151M10 Datasheet HTML 15Page - API Technologies Corp MSM4R151M10 Datasheet HTML 16Page - API Technologies Corp MSM4R151M10 Datasheet HTML 17Page - API Technologies Corp MSM4R151M10 Datasheet HTML 18Page - API Technologies Corp MSM4R151M10 Datasheet HTML 19Page - API Technologies Corp MSM4R151M10 Datasheet HTML 20Page - API Technologies Corp MSM4R151M10 Datasheet HTML 21Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
API TECHNOLOGIES
• 8061 Avonia Rd. • Fairview, PA 16415 • Ph: 814-474-1571 • Fax: 814-474-3110 • eis.apitech.com
API TECHNOLOGIES’ SPECTRUM CONTROL GmbH
• Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
SM21
Through-hole Filters
High Frequency PCB Filters
PMS 279 neg.
Black neg.
API Technologies’ Spectrum Control line of high frequency
PCB filter provides EMI filtering to protect low power
digital circuits, while meeting most government and
industrial specifications for EMI control. With low assembly
and installation costs, the PCB filter helps keep your
project on budget. By mounting the PCB filter at the
source of the problem, we eliminate the need for
additional filtering at other points in the circuit. The filter
mounts directly to a printed circuit board with no mounting
bracket or plate needed, providing you with a lower total
installed cost. In addition, the PCB filter can be flow-
soldered with other components.
API’s PCB filter has built-in standoffs, which allow
for cleaning or coating beneath the filter, and the filter
is encapsulated for environmental protection.
Features
s
Provides EMI filtering to protect low power digital
circuits - helps equipment meet FCC and VDE
specifications
s
Mounts directly to printed circuit board with no bracket
or plate for lower applied costs - can be flow soldered
with other components
s
Encapsulated for environmental protection
s
Mounts on PCB to begin filtering at the source
of the problem
s
Built-in standoffs permit cleaning or coating
under the filter
Circuit Schematic
Typical Electrical Characteristics
Current . . . . . . . . . . . . . . . Max. 10A DC; 0.3A RF
Operating Voltage . . . . . . . . Max. 50 VDC, -25°C to +85°C
Capacitance . . . . . . . . . . . . 800 pF min.
Dissipation Factor . . . . . . . . 0.1 Max.
Dielectric
Withstanding Voltage . . . . . 125 VDC for 5 seconds
Insulation Resistance. . . . . . Min. 100 MegOhms at 100 VDC
. . . . . . . . . . . . . . . . . . . . . for 2 minutes and 25°C
Direct Current
Resistance. . . . . . . . . . . . . . 0.002 ohms Max.
Minimum No-Load
Insertion Loss . . . . . . . . . . . Per MIL-STD-220 at 25°C; PCB
mounted, 50 ohm strip line
3dB @ 8 MHz
10dB @ 25 MHz
15dB @ 50 MHZ
20dB @ 100 MHz-1GHz
.600
±
.030
(15.24
±
0.76)
Ground
Lead
.300
±
.015
(7.62
±
0.38)
.015
(0.38)
Ref.
.062
(1.57) Ref.
.062
(1.57)
Ref.
+++
.600
±
.010
(15.24
±
0.25)
.300
±
.005
(7.62
±
0.13)
.055
±
.002
(1.4
±
0.05)
Dia.
.040
±
.002
(1.02
±
0.05)
Dia.
.055
±
.002
(1.4
±
0.005)
Dia.
Ground
Lead
.300
±
.010
(7.62
±
0.25)
1.040
(26.42)
.032
(0.81)
Dia.
.520
(13.21)
Ref.
.040
(1.02)
Dia.
.240
±
.020
(6.10
±
0.51)
.200
±
.010
(5.08
±
0.25)
.125
±
.025
(3.18
±
0.64)
StandardConfiguration PartNumber842448-1
.600
±
.030
(15.24
±
0.76)
Ground
Lead
.300
±
.015
(7.62
±
0.38)
.015
(0.38)
Ref.
.062
(1.57) Ref.
.062
(1.57)
Ref.
+++
.600
±
.010
(15.24
±
0.25)
.300
±
.005
(7.62
±
0.13)
.055
±
.002
(1.4
±
0.05)
Dia.
.040
±
.002
(1.02
±
0.05)
Dia.
.055
±
.002
(1.4
±
0.005)
Dia.
Ground
Lead
.300
±
.010
(7.62
±
0.25)
1.040
(26.42)
.032
(0.81)
Dia.
.520
(13.21)
Ref.
.040
(1.02)
Dia.
.240
±
.020
(6.10
±
0.51)
.200
±
.010
(5.08
±
0.25)
.125
±
.025
(3.18
±
0.64)
RecommendedMountingConfiguration
PreformedtoRecommendedMountingConfiguration
PartNumber842448-2
Dimensions in inches
(mm)
Dimensions in inches
(mm)
.600
±
.030
(15.24
±
0.76)
Ground
Lead
.300
±
.015
(7.62
±
0.38)
.015
(0.38)
Ref.
.062
(1.57) Ref.
.062
(1.57)
Ref.
+
+
+
.600
±
.010
(15.24
±
0.25)
.300
±
.005
(7.62
±
0.13)
.055
±
.002
(1.4
±
0.05)
Dia.
.040
±
.002
(1.02
±
0.05)
Dia.
.055
±
.002
(1.4
±
0.005)
Dia.
Ground
Lead
.300
±
.010
(7.62
±
0.25)
1.040
(26.42)
.032
(0.81)
Dia.
.520
(13.21)
Ref.
.040
(1.02)
Dia.
.240
±
.020
(6.10
±
0.51)
.200
±
.010
(5.08
±
0.25)
.125
±
.025
(3.18
±
0.64)
RecommendedPCB HoleLayout
Dimensions in inches
(mm)
Output
Input
Ground
Pi



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com