Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30EPF02 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 30EPF02
Description  Fast Soft Recovery Rectifier Diode, 30 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

30EPF02 Datasheet(HTML) 2 Page - Vishay Siliconix

  30EPF02 Datasheet HTML 1Page - Vishay Siliconix 30EPF02 Datasheet HTML 2Page - Vishay Siliconix 30EPF02 Datasheet HTML 3Page - Vishay Siliconix 30EPF02 Datasheet HTML 4Page - Vishay Siliconix 30EPF02 Datasheet HTML 5Page - Vishay Siliconix 30EPF02 Datasheet HTML 6Page - Vishay Siliconix 30EPF02 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 93145
2
Revision: 12-Jun-08
30EPF.., 30CPF.. Soft Recovery Series
Vishay High Power Products
Fast Soft Recovery
Rectifier Diode, 30 A
ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum forward voltage drop
VFM
30 A, TJ = 25 °C
1.41
V
Forward slope resistance
rt
TJ = 150 °C
12.5
m
Ω
Threshold voltage
VF(TO)
0.9
V
Maximum reverse leakage current
IRM
TJ = 25 °C
VR = Rated VRRM
0.1
mA
TJ = 150 °C
2.0
RECOVERY CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Reverse recovery time
trr
IF at 20 Apk
100 A/µs
25 °C
160
ns
Reverse recovery current
Irr
10
A
Reverse recovery charge
Qrr
1.25
µC
Snap factor
S
Typical
0.6
I
FM
t
rr
dir
dt
I
RM(REC)
Q
rr
t
t
a
t
b
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction and storage
temperature range
TJ, TStg
- 40 to 150
°C
Maximum thermal resistance,
junction to case
RthJC
DC operation
0.8
°C/W
Maximum thermal resistance,
junction to ambient
RthJA
40
Maximum thermal resistance,
case to heatsink
RthCS
Mounting surface, smooth and greased
0.2
Approximate weight
6g
0.21
oz.
Mounting torque
minimum
6 (5)
kgf · cm
(lbf · in)
maximum
12 (10)
Marking device
Case style TO-247AC JEDEC modified
30EPS02, 30CPF02
30EPS04, 30CPF04
30EPS06, 30CPF06



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com