Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FESE8AT Datasheet(PDF) 2 Page - Vishay Siliconix

Part # FESE8AT
Description  Ultrafast Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FESE8AT Datasheet(HTML) 2 Page - Vishay Siliconix

  FESE8AT Datasheet HTML 1Page - Vishay Siliconix FESE8AT Datasheet HTML 2Page - Vishay Siliconix FESE8AT Datasheet HTML 3Page - Vishay Siliconix FESE8AT Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FESE8AT thru FESE8GT
www.vishay.com
Vishay General Semiconductor
Revision: 30-Jan-13
2
Document Number: 89982
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
 40 ms
Note
(1) The heat generated must be less than the thermal conductivity from junction-to-ambient: dPD/dTJ < 1/RJA
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Fig. 1 - Maximum Forward Current Derating Curve
Fig. 2 - Maximum Non-Repetitive Peak Forward Surge Current
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL FESE8AT FESE8BT FESE8CT FESE8DT FESE8FT
FESE8GT
UNIT
Maximum
instantaneous
forward voltage
8.0 A
VF (1)
0.95
1.30
V
Maximum DC reverse
current
at rated
VR
TC = 25 °C
IR (2)
10
μA
TC = 100 °C
500
Maximum reverse
recovery time
IF = 0.5 A, IR = 1.0 A,
Irr = 0.25 A
trr
35
50
ns
Typical junction
capacitance
4.0 V, 1 MHz
CJ
85
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
FESE8AT
FESE8BT
FESE8CT
FESE8DT
FESE8FT
FESE8GT
UNIT
Typical thermal resistance
RJC
2.2
°C/W
RJA (1)
50
ORDERING INFORMATION (Example)
PACKAGE
PREFERRED P/N
UNIT WEIGHT (g)
PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
TO-220AC
FESE8GT-E3/45
1.86
45
50/tube
Tube
0
50
100
150
0
2
4
6
8
10
Heatsink, Case Temperature, T
C
Free Air, Ambient Temperature, T
A
Resistive or Inductive Load
Temperature (°C)
1
10
100
0
25
50
75
100
125
150
Number of Cycles at 60 Hz
T
C = 100 °C
8.3 ms Single Half Sine-Wave



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com