Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M52340SP Datasheet(PDF) 36 Page - Mitsubishi Electric Semiconductor

Part # M52340SP
Description  PAL/NTSC SYSTEM SHINGLE-CHIP COLOR TV SIGNAL PROCESSOR
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M52340SP Datasheet(HTML) 36 Page - Mitsubishi Electric Semiconductor

Back Button M52340SP Datasheet HTML 32Page - Mitsubishi Electric Semiconductor M52340SP Datasheet HTML 33Page - Mitsubishi Electric Semiconductor M52340SP Datasheet HTML 34Page - Mitsubishi Electric Semiconductor M52340SP Datasheet HTML 35Page - Mitsubishi Electric Semiconductor M52340SP Datasheet HTML 36Page - Mitsubishi Electric Semiconductor M52340SP Datasheet HTML 37Page - Mitsubishi Electric Semiconductor M52340SP Datasheet HTML 38Page - Mitsubishi Electric Semiconductor M52340SP Datasheet HTML 39Page - Mitsubishi Electric Semiconductor M52340SP Datasheet HTML 40Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
PAL/NTSC SYSTEM SHINGLE-CHIP COLOR TV SIGNAL PROCESSOR
M52340SP
MITSUBISHI ICs (TV)
4V
to
0V
5V
to
0V
DESCRIPTION OF PIN (cont.)
12
Pin No.
Name
Description
Peripheral circuit of pin
DC voltage
16
13
SCP OUT
AFC 1
FILTER
H OUT
MAX 4mA
Horizontal frequency pulse
output
Sandcastle pulse output
5.5V
200
200
H OSC
14
3.1V
CSB-503 F18 is used.
5V
to
0V
SDA
15
I2C bus data input
40k
6k
48k
X24
600
300
300
10k
10
80k
51.6k
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com