Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89C51X2 Datasheet(PDF) 34 Page - NXP Semiconductors

Part # P89C51X2
Description  80C51 8-bit Flash microcontroller family
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89C51X2 Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button P89C51X2 Datasheet HTML 30Page - NXP Semiconductors P89C51X2 Datasheet HTML 31Page - NXP Semiconductors P89C51X2 Datasheet HTML 32Page - NXP Semiconductors P89C51X2 Datasheet HTML 33Page - NXP Semiconductors P89C51X2 Datasheet HTML 34Page - NXP Semiconductors P89C51X2 Datasheet HTML 35Page - NXP Semiconductors P89C51X2 Datasheet HTML 36Page - NXP Semiconductors P89C51X2 Datasheet HTML 37Page - NXP Semiconductors P89C51X2 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
Philips Semiconductors
Preliminary data
P89C51X2/52X2/54X2/58X2
80C51 8-bit Flash microcontroller family
4K/8K/16K/32K Flash
2002 Jun 06
34
An interrupt will be serviced as long as an interrupt of equal or
higher priority is not already being serviced. If an interrupt of equal
or higher level priority is being serviced, the new interrupt will wait
until it is finished before being serviced. If a lower priority level
interrupt is being serviced, it will be stopped and the new interrupt
serviced. When the new interrupt is finished, the lower priority level
interrupt that was stopped will be completed.
Table 8.
Interrupt Table
SOURCE
POLLING PRIORITY
REQUEST BITS
HARDWARE CLEAR?
VECTOR ADDRESS
External interrupt 0
1
IE0
N (L)1
Y (T)2
03H
Timer 0
2
TF0
Y
0BH
External interrupt 1
3
IE1
N (L)
Y (T)
13H
Timer 1
4
TF1
Y
1BH
UART
5
RI, TI
N
23H
Timer 2
6
TF2, EXF2
N
2BH
NOTES:
1. L = Level activated
2. T = Transition activated
Reduced EMI
All port pins have slew rate controlled outputs. This is to limit noise
generated by quickly switching output signals. The slew rate is
factory set to approximately 10 ns rise and fall times.
Reduced EMI Mode
The AO bit (AUXR.0) in the AUXR register when set disables the
ALE output.
AUXR (8EH)
7
6
54
32
1
0
–
–
–
–
–
–
–
AO
AUXR.0
AO
Turns off ALE output.
Dual DPTR
The dual DPTR structure (see Figure 26) enables a way to specify
the address of an external data memory location. There are two
16-bit DPTR registers that address the external memory, and a
single bit called DPS = AUXR1/bit0 that allows the program code to
switch between them.
• New Register Name: AUXR1#
• SFR Address: A2H
• Reset Value: xxx000x0B
AUXR1 (A2H)
76
54
32
10
–
–
–
–
WUPD
0
–
DPS
Where:
DPS = AUXR1/bit0 = Switches between DPTR0 and DPTR1.
Select Reg
DPS
DPTR0
0
DPTR1
1
The DPS bit status should be saved by software when switching
between DPTR0 and DPTR1.
Note that bit 2 is not writable and is always read as a zero. This
allows the DPS bit to be quickly toggled simply by executing an INC
DPTR instruction without affecting the WUPD bit.
DPS
DPTR1
DPTR0
DPH
(83H)
DPL
(82H)
EXTERNAL
DATA
MEMORY
SU00745A
BIT0
AUXR1
Figure 26.
DPTR Instructions
The instructions that refer to DPTR refer to the data pointer that is
currently selected using the AUXR1/bit 0 register. The six
instructions that use the DPTR are as follows:
INC DPTR
Increments the data pointer by 1
MOV DPTR, #data16
Loads the DPTR with a 16-bit constant
MOV A, @ A+DPTR
Move code byte relative to DPTR to ACC
MOVX A, @ DPTR
Move external RAM (16-bit address) to
ACC
MOVX @ DPTR , A
Move ACC to external RAM (16-bit
address)
JMP @ A + DPTR
Jump indirect relative to DPTR
The data pointer can be accessed on a byte-by-byte basis by
specifying the low or high byte in an instruction which accesses the
SFRs. See application note AN458 for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com