Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

337LBA250M2CC Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 337LBA250M2CC
Description  Multiple Case Sizes - High Voltage ??High Current
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

337LBA250M2CC Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  337LBA250M2CC Datasheet HTML 1Page - Illinois Capacitor, Inc. 337LBA250M2CC Datasheet HTML 2Page - Illinois Capacitor, Inc. 337LBA250M2CC Datasheet HTML 3Page - Illinois Capacitor, Inc. 337LBA250M2CC Datasheet HTML 4Page - Illinois Capacitor, Inc. 337LBA250M2CC Datasheet HTML 5Page - Illinois Capacitor, Inc. 337LBA250M2CC Datasheet HTML 6Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Feb-17
FEATURES
Multiple Case Sizes - High Voltage
– High Current
APPLICATIONS
Filtering
– Switching Power Supplies
Operating Temperature
Range
-40°C to +85°C (10VDC to 250VDC)
-25°C to +85°C (350VDC to 500VDC)
Capacitance Tolerance
+20% at 120 Hz, 20°C
Surge Voltage
WVDC
10
16
25
35
50
63
80
100
160
200
250
350
400
450
500
SVDC
13
20
32
44
63
79
100
120
200
250
300
400
450
500
550
Dissipation
Factor
(120 Hz)
WVDC
10
16
25
35
50
63
80
100
160
200
250
350
400
450
500
tan
δ
.55
.5
.45
.4
.35
.3
.25
.2
.15
.15
.15
.15
.15
.2
.2
For capacitance values above 33000
μF
(capacitance-33000
μF)*0.1
add the following to the Dissipation factors values above
10000
μF
Leakage Current
@20°C, Rated WVDC
applied
Time
5 Minutes
3
√CV
Impedance
Ratio
(120 Hz)
WVDC
10
16
25
35
50
63
80
100
160
200
250
350
400
450
500
-25°C/+20°C
4
4
4
4
4
4
4
4
3
3
3
3
8
8
8
-40°C/+20°C
15
15
15
15
15
15
15
15
15
15
15
-
-
-
-
Load Life
2000 hours with rated voltage applied at 85°C with full rated ripple current applied
Capacitance Change
<20% of initial measured value
Dissipation Factor
<200% of maximum specified value
Leakage Current
<100% of maximum specified value
Shelf Life
1000 hours at 85°C with no voltage applied
Capacitance Change
<20% of initial measured value
Dissipation Factor
<200% of maximum specified value
Leakage Current
<100% of maximum specified value
Ripple Current
Multipliers
Frequency (Hz)
WVDC
60
120
1k
10k
10 to 100
0.9
1.0
1.15
1.25
160 to 250
0.8
1.0
1.15
1.47
350 to 500
0.8
1.0
1.15
1.47
.


Similar Part No. - 337LBA250M2CC

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
337LBA250M2CC ILLINOISCAPACITOR-337LBA250M2CC Datasheet
399Kb / 6P
Standard 2000 hrs
337LBA250M2CC ILLINOISCAPACITOR-337LBA250M2CC Datasheet
394Kb / 6P
Multiple case sizes - High voltage ??High Current
337LBA250M2CC ILLINOISCAPACITOR-337LBA250M2CC Datasheet
104Kb / 1P
SNAP-IN / SNAP MOUNT
More results

Similar Description - 337LBA250M2CC

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
474RZM050M ILLINOISCAPACITOR-474RZM050M_16 Datasheet
87Kb / 2P
Low ESR - High Ripple Current ??Multiple case sizes
LBA ILLINOISCAPACITOR-LBA Datasheet
394Kb / 6P
Multiple case sizes - High voltage ??High Current
LBB ILLINOISCAPACITOR-LBB Datasheet
342Kb / 5P
Multiple Case Sizes - High Voltage ??High Current
LMB ILLINOISCAPACITOR-LMB Datasheet
428Kb / 7P
Multiple Case Sizes - High Voltage ??High Current
LMH ILLINOISCAPACITOR-LMH Datasheet
402Kb / 6P
Multiple Case Sizes - High Voltage ??High Current
LMX ILLINOISCAPACITOR-LMX Datasheet
460Kb / 6P
Multiple Case Sizes - High Voltage ??High Current
157LBB450M2CE ILLINOISCAPACITOR-157LBB450M2CE Datasheet
478Kb / 5P
Multiple Case Sizes - High Voltage ??High Current
159LBB035M2CH ILLINOISCAPACITOR-159LBB035M2CH Datasheet
478Kb / 5P
Multiple Case Sizes - High Voltage ??High Current
226KXM050M ILLINOISCAPACITOR-226KXM050M Datasheet
398Kb / 3P
Standardized Case Sizes - High Ripple Current ??Multiple Case Sizes
477KXM050M ILLINOISCAPACITOR-477KXM050M Datasheet
398Kb / 3P
Standardized Case Sizes - High Ripple Current ??Multiple Case Sizes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com