Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3B16210 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI3B16210
Description  3.3V, Hot Insertion 20-Bit, 2-Port BusSwitch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3B16210 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI3B16210 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3B16210 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3B16210 Datasheet HTML 3Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PI3B16210/162210
3.3V, Hot Insertion, 20-Bit, 2-Port BusSwitch
3
PS8193B
11/09/98
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Com.
Parameters
Description
Conditions(1)
Min
Max
Units
tPLH
Propagation Delay(2,3)
CL = 50pF
16210
0.25
tPHL
Ax to Bx, Bx to Ax
RL = 500
Ω
162210
1.25
tPZH
Bus Enable Time
1
4.5
ns
tPZL
BE to Ax or Bx
tPHZ
Bus Disable Time
1
5.0
tPLZ
BE to Ax or Bx
Pericom Semiconductor Corporation
2380 Bering Drive • San Jose, CA 95131 • 1-800-435-2336 • Fax (408) 435-1100 • http://www.pericom.com
Power Supply Characteristics
Parameters Description
Test Conditions
(1)
Min.
Typ
(2)
Max.
Units
ICC
Quiescent Power
VCC = Max.
VIN = GND or VCC
10
µA
Supply Current
∆ICC
Supply Current per
VCC = Max.
VIN = 3.0V
(3)
750
µA
Input @ TTL HIGH
ICCD
Supply Current per
VCC = Max.
0.25
mA/
Input per MHz(4)
A and B Pins Open
MHz
BE = GND
Control Input Toggling
50% Duty Cycle
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device.
2. Typical values are at Vcc = 3.3V, +25°C ambient.
3. Per TTL driven input (control inputs only); A and B pins do not contribute to Icc.
4. This current applies to the control inputs only and represent the current required to switch internal capacitance at the specified
frequency. The A and B inputs generate no significant AC or DC currents as they transition. This parameter is not tested, but is
guaranteed by design.
Switching Characteristics over Operating Range
Notes:
1. See test circuit and wave forms.
2. This parameter is guaranteed but not tested on Propagation Delays.
3. The bus switch contributes no propagational delay other than the RC delay of the ON resistance of the switch and the load
capacitance. The time constant for the switch alone is of the order of 0.25ns for 50pF load. Since this time constant is much
smaller than the rise/fall times of typical driving signals, it adds very little propagational delay to the system. Propagational delay
of the bus switch when used in a system is determined by the driving circuit on the driving side of the switch and its interaction
with the load on the driven side.
CL = 50pF,
RL = 500Ω,
R =
500Ω



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com