Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9264CS Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RT9264CS
Description  HIGH FREQUENCY HIGH EFFICIENCY STEP UP DC/DC CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RT9264CS Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RT9264CS Datasheet HTML 1Page - List of Unclassifed Manufacturers RT9264CS Datasheet HTML 2Page - List of Unclassifed Manufacturers RT9264CS Datasheet HTML 3Page - List of Unclassifed Manufacturers RT9264CS Datasheet HTML 4Page - List of Unclassifed Manufacturers RT9264CS Datasheet HTML 5Page - List of Unclassifed Manufacturers RT9264CS Datasheet HTML 6Page - List of Unclassifed Manufacturers RT9264CS Datasheet HTML 7Page - List of Unclassifed Manufacturers RT9264CS Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Preliminary
RT9264
DS9264-00 December 2001
www.richtek-ic.com.tw
3
Pin Description
Pin No. Pin Name
Pin Function
1GND
Ground
2EXT
Output pin for driving external NMOS or NPN
When driving an NPN, a resistor should be added for limiting base current.
3LFB
Feedback pin of the built-in LDO (Internal Vref = 0.86V)
4LDOO
Voltage output pin of the built-in LDO
5FB
Feedback input pin
Internal reference voltage for the error amplifier is 1.25V.
6VDD
Input positive power pin of RT9264
7LX
Pin for switching
8CE
Chip enable
RT9264 gets into shutdown mode when CE pin set to low.
Function Block Diagram
EXT
LDOO
Loop Control Circuit
Over Temp.
Detector
LX
GND
Shut Down
1.25V
1.25V
RT9264
VDD
LFB
FB
CE
VDD
R2
Q3
NMOS
VDD
Q2
PMOS
R1
Q1
NMOS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com